Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 136 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 136 Page - ams AG

Back Button AS3722 Datasheet HTML 132Page - ams AG AS3722 Datasheet HTML 133Page - ams AG AS3722 Datasheet HTML 134Page - ams AG AS3722 Datasheet HTML 135Page - ams AG AS3722 Datasheet HTML 136Page - ams AG AS3722 Datasheet HTML 137Page - ams AG AS3722 Datasheet HTML 138Page - ams AG AS3722 Datasheet HTML 139Page - ams AG AS3722 Datasheet HTML 140Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 198 page
background image
Page 136
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 140:
Reg_standby_mod1
Figure 141:
Reg_standby_mod2
Addr:39h
Reg_standby_mod1
Bit
Bit Name
Default
Access
Bit Description
7
disable_regpd
0
RW
This bit disables the pull-down of all regulators
0 : normal mode with pull-down for all internal
regulators
1 : pull-down disabled; >100kOhm for all internal
regulators
6sd6_stby_on
0
RW
Enable Step down 6 in standby mode
5sd5_stby_on
0
RW
Enable Step down 5 in standby mode
4sd4_stby_on
0
RW
Enable Step down 4 in standby mode
3sd3_stby_on
0
RW
Enable Step down 3 in standby mode
2sd2_stby_on
0
RW
Enable Step down 2 in standby mode
1sd1_stby_on
0
RW
Enable Step down 1 in standby mode
0sd0_stby_on
0
RW
Enable Step down 0 in standby mode
Addr:3ah
Reg_standby_mod2
Bit
Bit Name
Default
Access
Bit Description
7ldo7_stby_on
0
RW
Enable LDO7 in standby mode
6ldo6_stby_on
0
RW
Enable LDO6 in standby mode
5ldo5_stby_on
0
RW
Enable LDO5 in standby mode
4ldo4_stby_on
0
RW
Enable LDO4 in standby mode
3ldo3_stby_on
0
RW
Enable LDO3 in standby mode
2ldo2_stby_on
0
RW
Enable LDO2 in standby mode
1ldo1_stby_on
0
RW
Enable LDO1 in standby mode
0ldo0_stby_on
0
RW
Enable LDO0 in standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com