Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 29 of 79
Forced/Advertised PHY Speed
As outlined in Table 23, it is possible to advertise all or a subset
of PHY speed capabilities, select preferred slave or master, set
half duplex or full duplex mode, and enable or disable
autonegotiation.
Autonegotiation is enabled for the first 11 rows in Table 23, such
as in the case of advertised speeds modes. It is also possible to
configure forced speed modes where autonegotiation is disabled
and the speed is forced (Row 12 to Row 14 of Table 23).
Referring to Table 23, three of the PHY_CFG1 and PHY_CFG0
hardware configuration pin settings result in the same link
speed configuration (Row 1, Row 2, and Row 4). However, Row 1
also enables three other functions, Row 2 does not enable any
extra functions, and in Row 4, the ADIN1300 is configured to
enter software power-down mode after reset. The enabling or
disabling of autonegotiation and advertised speed settings can
also be set using the standard IEEE registers, MII_CONTROL
(Address 0x0000), AUTONEG_ADV (Address 0x0004), and
MSTR_SLV_CONTROL (Address 0x0009).
Software Power-Down after Reset
If the ADIN1300 is configured so that it does not enter software
power-down mode after reset, the ADIN1300 attempts to bring
up links at the configured speeds and MDI/MDIX configuration
after it exits reset. If the ADIN1300 is configured so that it enters
software power-down mode after reset (Row 4), the ADIN1300
waits in software power-down until it is configured over the
MDIO interface, at which point the PHY configuration can be
set to exit software power-down by software. The ADIN1300
can also be put into software power-down mode by setting the
SFT_PD bit (MII_CONTROL register, Address 0x0000).
Downspeed Configuration
If downspeed is enabled, the PHY down speeds to a lower speed
after a number of attempts if it cannot link at the highest speed
advertised. The use of downspeed requires autonegotiation to be
enabled with multiple speeds advertised. The default operation
of downspeed can be overwritten in software by writing to DN_
SPEED_TO_100_EN (PHY_CTRL_2 register, Address 0x0016,
Bit 11), DN_SPEED_TO_10_EN (PHY_CTRL_2 register,
Address 0x0016, Bit 10), and NUM_SPEED_RETRY
(PHY_CTRL_3 register, Address 0x0017, Bits[12:10]).
Energy Detect Power-Down Configuration
If energy detect power-down is enabled and no energy is
detected at the MDI pins, the ADIN1300 enters a low power
mode. Therefore, this mode saves power where there is no cable
connected or the remote PHY is powered down.
Energy Efficient Ethernet
If EEE is enabled and also advertised by the remote PHY, the
ADIN1300 can enter a low power mode (low power idle) when
no data is being transmitted by either end. See the EEE, Low
Power Idle Mode section for more details.
Auto MDIX Configuration
Auto MDIX configuration mode is shared with the GP_CLK pin
and can be configured according to Table 24. This pin does not
have an internal pull-up resistor, so external resistors must be
used to set the MDI/MDIX mode.
Table 24. Auto MDIX Configuration
Configuration
MDIX_MODE
Manual MDI
MODE_1
Manual MDIX
MODE_2
Auto MDIX, Prefer MDIX
MODE_3
Auto MDIX, Prefer MDI
MODE_4
If auto MDIX is enabled (MODE_3 or MODE_4), the ADIN1300
automatically determines if the MDI or MDIX configuration
must be used. Otherwise, the ADIN1300 is forced to the chosen
MDI or MDIX configuration.
If enabling auto MDIX, the ADIN1300 supports auto MDIX with
a preference for MDI or MDIX. This determines which MDI/
MDIX setting is first in the autocrossover algorithm. To achieve a
faster MDI/MDIX resolution in some cases, set both PHYs to
the same preferred configuration (MDI or MDIX) when a
crossover cable is used, and to opposite preferred configurations if
a straight-through cable is used, which has the advantage of still
being able to work with a mismatch of wiring and optimize the
time to resolve auto MDIX.
The default operation of auto MDIX can be overwritten in
software by writing to the AUTO_MDI_EN bit (PHY_CTRL_1
register, Address 0x0012) and the MAN_MDIX bit
(PHY_CTRL_1 register, Address 0x0012).
MAC Interface Selection
The MAC interface selection is shared with the RX_CTL/RX_DV/
CRS_DV pin and RXC/RX_CLK pin, and can be configured
according to Table 25. In RGMII mode, it is possible to enable a
2 ns internal delay on RXC only or on both RXC and TXC. The
RX_CTL/RX_DV/CRS_DV pin and RXC/RX_CLK pin have
weak internal pull-down resistors. Therefore, by default, the
ADIN1300 is configured in RGMII mode with a 2 ns delay on
RXC and TXC. External resistors must be used to select any of
the remaining MAC interface modes.
The MAC interface selection can also be done via software (GE_
RGMII_CFG and GE_RMII_CFG registers) with the internal 2 ns
delay configured via the GE_RGMII_RXLD_EN bit and GE_
RGMII_TXLD_EN bit within the GE_RGMII_CFG register
(Address 0xFF23). Put the PHY in software power-down by
setting the SFT_PD bit (MII_CONTROL register, Address 0x0000)
before any changes are made to the MAC interface configuration
registers. Because RMII mode requires a 50 MHz reference clock,
do not use software to configure the MAC interface to RMII.
Table 25. MAC Interface Selection
MAC Interface Selection
MACIF_SEL1
MACIF_SEL0
RGMII RXC/TXC 2 ns Delay
Low
Low
RGMII RXC Only, 2 ns Delay
High
Low
MII
Low
High
RMII
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com