Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 46 of 79
Bits
Bit Name
Description
Reset
Access
11
NP_TOGGLE
Toggle (T) is used by the arbitration function to ensure synchronization with the link partner
during next page exchange. This bit always takes the opposite value of the toggle bit in the
previously exchanged link code word.
0x0
R
[10:0]
NP_CODE
Message code field is an 11-bit wide field, encoding 2048 possible messages. If the message
page bit is set to Logic 0, the bit encoding of the link code word is interpreted as an
unformatted page.
0x1
R/W
Autonegotiation Link Partner Received Next Page Register
Address: 0x0008, Reset: 0x0000, Name: LP_RX_NEXT_PAGE
This address corresponds to the autonegotiation link partner received next page register specified in Clause 28.2.4.1.7 of IEEE Standard 802.3.
Table 39. Bit Descriptions for LP_RX_NEXT_PAGE
Bits
Bit Name
Description
Reset
Access
15
LP_NP_NEXT_PAGE
Link partner next page (NP) is used by the next page function to indicate that the link
partner sends additional next page(s). Otherwise, this is the last next page to be transmitted.
0x0
R
14
LP_NP_ACK
This bit is used by the internal handshaking in autonegotiation and must be ignored.
0x0
R
1: link partner has successfully received its link code word.
0: link partner has not received its link code word.
13
LP_NP_MSG_PAGE
Link partner message page (MP) is used by the next page function to indicate that this is
a message page. Otherwise, this is an unformatted page.
0x0
R
12
LP_NP_ACK_2
Acknowledge 2 (Ack2) is used by the next page function to indicate that the link partner
has the ability to comply with the message.
0x0
R
11
LP_NP_TOGGLE
Link partner toggle (T) is used by the arbitration function to ensure synchronization with
the link partner during the next page exchange. This bit always takes the opposite value
of the toggle bit in the previously exchanged link code word.
0x0
R
[10:0]
LP_NP_CODE
Link partner message code field is an 11-bit wide field, encoding 2048 possible
messages. If the message page bit is set to Logic 0, the bit encoding of the link code
word is interpreted as an unformatted page.
0x0
R
Master Slave Control Register
Address: 0x0009, Reset: 0x0200, Name: MSTR_SLV_CONTROL
This address corresponds to the master slave control register specified in Clause 40.5.1.1 of IEEE Standard 802.3. Note that the default
reset value of this register is dependent on the hardware configuration pins settings.
Table 40. Bit Descriptions for MSTR_SLV_CONTROL
Bits
Bit Name
Description
Reset
Access
[15:13]
TST_MODE
Transmitter test mode operations are defined by the test mode bits as specified
in Clause 40.6.1.1.2 of IEEE Standard 802.3.
0x0
R/W
111: reserved.
110: reserved.
101: reserved.
100: Test Mode 4—transmitter distortion test.
011: Test Mode 3—transmit jitter test in slave mode.
010: Test Mode 2—transmit jitter test in master mode.
001: Test Mode 1—transmit waveform test.
000: normal operation.
12
MAN_MSTR_SLV_EN_ADV
Manual Master/Slave Enable Advertisement Bit.
0x0
R/W
1: enable master slave manual configuration value.
0: disable master slave manual configuration value.
11
MAN_MSTR_ADV
Master/Slave Advertisement Bit.
0x0
R/W
1: configure PHY as master during master slave negotiation only when
MAN_MSTR_SLV_EN_ADV is set to Logical 1.
0: configure PHY as slave during master slave negotiation only when
MAN_MSTR_SLV_EN_ADV is set to Logical 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com