Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADIN1300CCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
Robust, Industrial, Low Latency and Low Power
10 Mbps,100 Mbps, and 1 Gbps Ethernet PHY
Data Sheet
ADIN1300
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
10BASE-Te/100BASE-TX/1000BASE-T IEEE® 802.3™ compliant
MII, RMII, and RGMII MAC interfaces
1000BASE-T RGMII latency transmit < 68 ns, receive < 226 ns
100BASE-TX MII latency transmit< 52 ns, receive < 248 ns
EMC test standards
IEC 61000-4-5 surge (±4 kV)
IEC 61000-4-4 electrical fast transient (EFT) (±4 kV)
IEC 61000-4-2 ESD (±6 kV contact discharge)
IEC 61000-4-6 conducted immunity (10 V)
EN55032 radiated emissions (Class A)
EN55032 conducted emissions (Class A)
Unmanaged configuration using multilevel pin strapping
EEE in accordance with IEEE 802.3az
Start of packet detection for IEEE 1588 time stamp support
Enhanced link detection
Configurable LED
Crystal oscillator frequency/25 MHz clock input frequency
(50 MHz for RMII)
25 MHz/125 MHz synchronous clock output
Small package and wide temperature range
40-lead, 6 mm × 6 mm LFCSP
Specified for −40°C to +105°C ambient operation
Low power consumption
330 mW for 1000BASE-T
140 mW for 100BASE-TX
3.3 V/2.5 V/1.8 V MAC interface VDDIO supply
Integrated power supply monitoring and POR
APPLICATIONS
Industrial automation
Process control
Factory automation
Robotics/motion control
Time sensitive networking (TSN)
Building automation
Test and measurement
Industrial internet of things (IoT)
GENERAL DESCRIPTION
The ADIN1300 is a low power, single port, Gigabit Ethernet
transceiver with low latency and power consumption specifications
primarily designed for industrial Ethernet applications.
This design integrates an energy efficient Ethernet (EEE) physical
layer device (PHY) core with all associated common analog
circuitry, input and output clock buffering, management
interface and subsystem registers, and MAC interface and
control logic to manage the reset and clock control and pin
configuration.
The ADIN1300 is available in a 6 mm × 6 mm, 40-lead lead
frame chip scale package (LFCSP). The device operates with a
minimum of 2 power supplies, 0.9 V and 3.3 V, assuming the
use of a 3.3 V MAC interface supply. For maximum flexibility in
system level design, a separate VDDIO supply enables the
management data input/output (MDIO) and MAC interface
supply voltages to be configured independently of the other
circuitry on the ADIN1300, allowing operation at 1.8 V, 2.5 V,
or 3.3 V. At power-up, the ADIN1300 is held in hardware reset
until each of the supplies has crossed its minimum rising threshold
value. Brown-out protection is provided by monitoring the
supplies to detect if one or more supply drops below a minimum
falling threshold (see Table 17), and holding the device in
hardware reset until the power supplies return and satisfy the
power-on reset (POR) circuit.
The MII management interface (also referred to as MDIO
interface) provides a 2-wire serial interface between a host
processor or MAC (also known as management station (STA))
and the ADIN1300, allowing access to control and status
information in the PHY core management registers. The
interface is compatible with both the IEEE 802.3 Standard
Clause 22 and Clause 45 management frame structures.
The ADIN1300 can support cable lengths up to 150 meters at
Gigabit speeds and 180 meters when operating at 100 Mbps or
10 Mbps.
Note that throughout this data sheet, multifunction pins, such
as XTAL_I/CLK_IN/REF_CLK, are referred to either by the
entire pin name or by a single function of the pin, for example,
XTAL_I/CLK_IN, when only that function is relevant.


Similar Part No. - ADIN1300CCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1300CCPZ-R7 AD-ADIN1300CCPZ-R7 Datasheet
1Mb / 96P
Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
Rev. B
More results

Similar Description - ADIN1300CCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150_10 Datasheet
1Mb / 4P
(Low ESR, Surge Robust) 10 pcs.
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Taoglas antenna solutio...
TI.10.0111 TAOGLAS-TI.10.0111 Datasheet
136Kb / 5P
Low Profile and Robust Handling
TI.10.0112 TAOGLAS-TI.10.0112 Datasheet
222Kb / 5P
Low Profile and Robust Handling
TI.10.0421 TAOGLAS-TI.10.0421 Datasheet
156Kb / 5P
Low Profile and Robust Handling
logo
Texas Instruments
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com