Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 57 of 79
Bits
Bit Name
Description
Reset
Access
2
EEE_1000_ADV
The default value of the 1000BASE-T EEE advertisement register bit is dependent on
the hardware configuration pins settings. When EEE is enabled by these pins, the
default value is 1'b1 and when disabled, the default value is 1'b0.
0x0
R/W
1: advertise that the 1000BASE-T has EEE capability.
0: do not advertise that the 1000BASE-T has EEE capability.
1
EEE_100_ADV
The default value of the 100BASE-TX EEE advertisement register bit is dependent on
the hardware configuration pins settings. When EEE is enabled by these pins, the
default value is 1'b1 and when disabled, the default value is 1'b0.
0x0
R/W
1: advertise that the 100BASE-TX has EEE capability.
0: do not advertise that the 100BASE-TX has EEE capability.
0
RESERVED
Reserved.
0x0
R
Energy Efficient Ethernet Link Partner Ability Register
Address: 0x8002, Reset: 0x0000, Name: EEE_LP_ABILITY
This address corresponds to the EEE link partner ability register specified in Clause 45.2.7.14 of Standard 802.3, which, in the IEEE
standard, is at MMD Register Address 7.61. This register reflects the EEE advertisement of the link partner during autonegotiation.
Table 60. Bit Descriptions for EEE_LP_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
LP_EEE_10_G_KR_ABLE
Link Partner 10GBASE-KR EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 10GBASE-KR.
0: link partner is not advertising EEE capability for 10GBASE-KR.
5
LP_EEE_10_G_KX_4_ABLE
Link Partner 10GBASE-KX4 EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 10GBASE-KX4.
0: link partner is not advertising EEE capability for 10GBASE-KX4.
4
LP_EEE_1000_KX_ABLE
Link Partner 1000BASE-KX EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 1000BASE-KX.
0: link partner is not advertising EEE capability for 1000BASE-KX.
3
LP_EEE_10_G_ABLE
Link Partner 10GBASE-T EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 10GBASE-T.
0: link partner is not advertising EEE capability for 10GBASE-T.
2
LP_EEE_1000_ABLE
Link Partner 1000BASE-T EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 1000BASE-T.
0: link partner is not advertising EEE capability for 1000BASE-T.
1
LP_EEE_100_ABLE
Link Partner 100BASE-TX EEE Ability Bit.
0x0
R
1: link partner is advertising EEE capability for 100BASE-TX.
0: link partner is not advertising EEE capability for 100BASE-TX.
0
RESERVED
Reserved.
0x0
R
Energy Efficient Ethernet Resolved Register
Address: 0x8008, Reset: 0x0000, Name: EEE_RSLVD
This register indicates whether or not the resolved technology after the link has been established is EEE capable.
Table 61. Bit Descriptions for EEE_RSLVD
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
EEE_RSLVD
This bit indicates that the resolved technology after the link has been established is EEE capable.
This is a vendor specific register bit.
0x0
R
1: resolved technology is EEE capable.
0: resolved technology is not EEE capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com