Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 67 of 79
LPI Wake Error Count Register
Address: 0xA000, Reset: 0x0000, Name: LPI_WAKE_ERR_CNT
This address corresponds to the EEE wake error counter register specified in Clause 45.2.3.10 of IEEE Standard 802.3, which in the IEEE
standard is at MMD Register Address 3.22.
Table 98. Bit Descriptions for LPI_WAKE_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
LPI_WAKE_ERR_CNT
This bit field counts wake time faults where the PHY fails to complete its normal wake
sequence within the time required. This field self clears upon reading.
0x0
R
Base 1000 Retrain Enable Register
Address: 0xA001, Reset: 0x0000, Name: B_1000_RTRN_EN
This register allows 1000BASE-T retrain to be enabled. When 1000BASE-T retrain is enabled and the receiver status becomes not okay,
the PHY retrains. During this time, the link remains up but it is not possible to transmit or receive data. When 1000BASE-T retrain is
disabled and the receiver status becomes not okay, the PHY drops the link.
Table 99. Bit Descriptions for B_1000_RTRN_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
B_1000_RTRN_EN
When set, this bit enables 1000BASE-T retrain.
0x0
R/W
Clause 40.4.6.1 of Standard 802.3 requires a PHY that is operating in 1000BASE-T mode to
retrain if it detects that its receiver status is not okay. Such a retrain prevents data from
being transmitted or received for a long period, but does not cause the LINK_STAT_LAT bit
in the direct address map to latch low.
When B_1000_RTRN_EN is clear, 1000BASE-T retrain is disabled. In this case, when the
receiver status becomes not okay, it always results in the link dropping.
1: 1000BASE-T retrain is enabled.
0: 1000BASE-T retrain is disabled.
Base 10e Enable Register
Address: 0xB403, Reset: 0x0001, Name: B_10_E_EN
When set, this register enables 10BASE-Te operation. 10BASE-Te is a variant of 10BASE-T that transmits at a lower voltage level.
Table 100. Bit Descriptions for B_10_E_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
B_10_E_EN
10BASE-Te. When set, this bit enables 10BASE-Te operation, this is the default operation of the
device. 10BASE-Te is a variant of 10BASE-T that transmits at a lower voltage level.
0x1
R/W
10BASE-T Transmit Test Mode Register
Address: 0xB412, Reset: 0x0000, Name: B_10_TX_TST_MODE
This register provides the ability to transmit a 10BASE-T test signal.
Table 101. Bit Descriptions for B_10_TX_TST_MODE
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:0]
B_10_TX_TST_MODE
The PHY provides the ability to transmit a 10BASE-T test signal consisting of either a
5 MHz or a 10 MHz square wave.
0x0
R/W
111: reserved.
110: reserved.
101: reserved.
100: transmit 5 MHz square wave on Dimension 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com