Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 72 of 79
LED Pulse Stretching Duration Register
Address: 0xBC00, Reset: 0x0011, Name: LED_PUL_STR_DUR
When the LED_PUL_STR_DUR_SEL bit field in the LED_CTRL_1 register (Address 0x001B, Bits[3:2]) is set to 2'b11, the
LED_PUL_STR_DUR register determines the LED pulse stretching duration.
Table 114. Bit Descriptions for LED_PUL_STR_DUR
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
[5:0]
LED_PUL_STR_DUR
When the LED_PUL_STR_DUR_SEL bit field in the LED_CTRL_1 register (Address 0x001B,
Bits[3:2]) is set to 2'b11, the LED_PUL_STR_DUR bit field determines the LED pulse stretching
duration. Multiply the value specified by 8 to determine the duration in milliseconds.
0x11
R/W
SUBSYSTEM REGISTER SUMMARY
The subsystem registers are accessible at Device Address 0x1E using Clause 45 access. For systems that do not support the interface
specified under Clause 45, these registers can be accessed using Clause 22 access via Register 0x0010 and Register 0x0011.
The default value of some of the registers are determined by the value of the hardware configuration pins, which are read just after the
RESET_N pin is deasserted (see the Hardware Configuration Pins section) so that the default operation of the ADIN1300 can be
configured in unmanaged applications. The default values in the registers listed in Table 115 assume that the ADIN1300 is configured
with autonegotiation enabled, all speeds advertised, and the ADIN1300 is not configured to enter software power-down after reset.
Table 115. Subsystem Register Summary
Address
Name
Description
Reset
Access
0xFF0C
GE_SFT_RST
Subsystem Software Reset Register.
0x0000
R/W
0xFF0D
GE_SFT_RST_CFG_EN
Subsystem Software Reset Configuration Enable Register.
0x0000
R/W
0xFF1F
GE_CLK_CFG
Subsystem Clock Configuration Register.
0x0000
R/W
0xFF23
GE_RGMII_CFG
Subsystem RGMII Configuration Register.
0x0E07
R/W
0xFF24
GE_RMII_CFG
Subsystem RMII Configuration Register.
0x0116
R/W
0xFF26
GE_PHY_BASE_CFG
Subsystem PHY Base Configuration Register.
0x0C86
R/W
0xFF3C
GE_LNK_STAT_INV_EN
Subsystem Link Status Invert Enable Register.
0x0000
R/W
0xFF3D
GE_IO_GP_CLK_OR_CNTRL
Subsystem GP_CLK Pin Override Control Register.
0x0000
R/W
0xFF3E
GE_IO_GP_OUT_OR_CNTRL
Subsystem LINK_ST Pin Override Control Register.
0x0000
R/W
0xFF3F
GE_IO_INT_N_OR_CNTRL
Subsystem INT_N Pin Override Control Register.
0x0000
R/W
0xFF41
GE_IO_LED_A_OR_CNTRL
Subsystem LED_0 Pin Override Control Register.
0x0000
R/W
SUBSYSTEM REGISTER DETAILS
Subsystem Software Reset Register
Address: 0xFF0C, Reset: 0x0000, Name: GE_SFT_RST
The soft reset register is used to reset the subsystem.
Table 116. Bit Descriptions for GE_SFT_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_SFT_RST
The subsystem can be reset by setting GE_SFT_RST to 1. The subsystem behavior depends on
the setting of the GE_SFT_RST_CFG_EN register.
0x0
R/W
When the GE_SFT_RST_CFG_EN bit is set, the subsystem requests a new set of hardware
configuration pin settings from the chip during the software reset sequence. When
GE_SFT_RST_CFG_EN is clear, the previously stored hardware configuration pin settings are
reloaded into the corresponding management registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com