Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 9 of 79
Parameter
Description
Min
Typ
Max
Unit
Duty_G
Duty cycle for Gigabit
45
50
55
%
Duty_T
Duty cycle for 10/100 Mbps
40
50
60
%
tR/tF
Rise/fall time (20% to 80%)
0.75
ns
1 When operating without RGMII internal delay, the printed circuit board (PCB) design requires clocks to be routed such that an additional trace delay of greater than
1.5 ns and less than 2.0 ns is added to the associated clock signal. For 10/100 Mbps, the max value is unspecified.
2 Hardware and software programmable internal delay may be enabled or disabled.
3 For 10 Mbps and 100 Mbps, tCYC scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
TXC
(AT TRANSMITTER)
TXD_0 TO TXD_3
TX_CTL
TXC
(AT RECEIVER)
TXD_x,
Bits[3:0]
TXD_x,
Bits[7:4]
TXEN
TXERR
TXC WITH INTERNAL DELAY ADDED
t4
t6
t1
t3
t5
t2
Figure 7. RGMII Transmit Timing
RXC
(AT TRANSMITTER)
RXD_0 TO RXD_3
RX_CTL
RXC
(AT RECEIVER)
RXD_x,
Bits[3:0]
RXD_x,
Bits[7:4]
RXEN
RXERR
RXC WITH INTERNAL DELAY ADDED
t4
t6
t1
t3
t5
t2
Figure 8. RGMII Receive Timing
RMII Transmit/Receive
Table 10. RMII Timing
Parameter
Description
Min
Typ
Max
Unit
REF_CLK Frequency
Frequency of the REF_CLK
50
MHz
REF_CLK Duty Cycle
Duty Cycle of the REF_CLK
35
65
%
t1
TXD_0, TXD_1, TX_EN, RXD_0, RXD_1, CRS_DV,
RX_ER data setup to REF_CLK rising edge
4
ns
t2
TXD_0, TXD_1, TX_EN, RXD_0, RXD_1, CRS_DV,
RX_ER data hold from REF_CLK rising edge
2
ns
t3
Output rise/fall time
1
5
ns
t3
t1
t2
t3
REF_CLK
TXD_0 AND TXD_1
TX_EN
RXD_0 AND RXD_1
CRS_DV
RX_ER
Figure 9. RMII Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com