Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 58 of 79
Mean Square Error A Register
Address: 0x8402, Reset: 0x0000, Name: MSE_A
This register is an indication of signal quality and is a measure of the mean square error on Dimension A.
Table 62. Bit Descriptions for MSE_A
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
MSE_A
This register is an indication of signal quality when a 100BASE-TX or 1000BASE-T link is up and is a
measure of the mean square error on Dimension A.
0x0
R
Mean Square Error B Register
Address: 0x8403, Reset: 0x0000, Name: MSE_B
This register is an indication of signal quality and is a measure of the mean square error on Dimension B.
Table 63. Bit Descriptions for MSE_B
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
MSE_B
This register is an indication of signal quality when a 1000BASE-T link is up and is a measure of the
mean square error on Dimension B.
0x0
R
Mean Square Error C Register
Address: 0x8404, Reset: 0x0000, Name: MSE_C
This register is an indication of signal quality and is a measure of the mean square error on Dimension C.
Table 64. Bit Descriptions for MSE_C
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
MSE_C
This register is an indication of signal quality when a 1000BASE-T link is up and is a measure of the
mean square error on Dimension C.
0x0
R
Mean Square Error D Register
Address: 0x8405, Reset: 0x0000, Name: MSE_D
This register is an indication of signal quality and is a measure of the mean square error on Dimension D.
Table 65. Bit Descriptions for MSE_D
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
MSE_D
This register is an indication of signal quality when a 1000BASE-T link is up and is a measure of the
mean square error on Dimension D.
0x0
R
Enhanced Link Detection Enable Register
Address: 0x8E27, Reset: 0x003D, Name: FLD_EN
This register controls the enables for the enhanced link detection function. This is early detection and indication of link loss.
Table 66. Bit Descriptions for FLD_EN
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
7
FLD_PCS_ERR_B_100_EN
Enhanced link detection PCS receive error detection enable for 100BASE-TX.
0x0
R/W
6
FLD_PCS_ERR_B_1000_EN
Enhanced link detection PCS receive error detection enable for 1000BASE-T.
0x0
R/W
5
FLD_SLCR_OUT_STUCK_B_100_EN
Enhanced link detection PMA slicer output stuck at detection enable for
100BASE-TX.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com