Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 20 of 79
MDI INTERFACE
The MDI connects the ADIN1300 to the Ethernet network via a
transformer, as shown in Figure 24. In 1000BASE-T mode,
transmit and receive occur simultaneously on each of the MDI_
x_x pairs. In 10BASE-Te and 100BASE-TX modes, MDI_0_x are
used to transmit when operating in MDI configuration and to
receive when operating in MDIX configuration. The opposite is
true of MDI_1_x in 10BASE-Te mode and 100BASE-TX mode.
For example, MDI_1_x are used to receive when operating in
MDI configuration and to transmit when operating in MDIX
configuration. If auto MDIX is enabled, the ADIN1300
automatically determines if the MDI or MDIX configuration
must be used. Otherwise, it is forced to the chosen MDI or
MDIX configuration. In 10BASE-Te mode and 100BASE-TX
mode, MDI_2_x and MDI_3_x are unused.
ADIN1300
RJ45
MDI_0_P
MDI_0_N
MDI_1_P
MDI_1_N
MDI_2_P
MDI_2_N
MDI_3_P
MDI_3_N
Figure 24. Media Dependent Interface
RESET OPERATION
The ADIN1300 supports a number of resets that include
power-on reset, hardware reset, and multiple software reset
types. All of these put the ADIN1300, including the PHY core,
in a known state. Whenever the PHY core is reset, the MAC
interface output pins (output pins with respect to the ADIN1300)
are driven to a known idle state. All outputs except RXC/RX_CLK
are driven low and RXC/RX_CLK is driven high.
Power-On Reset
The ADIN1300 includes power monitoring circuitry to monitor
all of the supplies. At power-up, the ADIN1300 is held in
hardware reset until each of the supplies has crossed its minimum
rising threshold value.
Brown-out protection is provided by monitoring the supplies to
detect if one or more of the supplies drops below a minimum
falling threshold value and holding the device in hardware reset
until the power is valid again.
Table 17. Brown-Out Protection Threshold Values
Supply
Minimum Falling Threshold Value (V)
AVDD_3P3
2.35
VDDIO
1.35
DVDD_0P9
0.7
Hardware Reset
A hardware reset is initiated by the POR circuitry or by asserting
the RESET_N pin low. Bring the pin low for a minimum of
10 μs. Deglitch circuitry is included on this pin to reject pulses
shorter than ~1 μs.
When the RESET_N pin is deasserted, the crystal oscillator
circuit is enabled and the clock is given time to stabilize. The
state of the hardware configuration pins is read and latched, the
digital and analog circuits are initialized, and the PHY core clock
multiplier unit (CMU) is reset. After 5 ms from the deassertion
of RESET_N, the management interface registers are accessible
and the device can be programmed. This time is significantly
shorter if a single-ended clock rather than a crystal is used and
the management interface registers are accessible 3 ms after the
deassertion of RESET_N. If the ADIN1300 is configured to
enter software power-down after a reset (see Table 23), the
ADIN1300 enters software power-down mode and an interrupt
is generated to indicate that a hardware reset occurred.
The following events occur after a hardware reset:
The crystal oscillator circuit is enabled and time is allowed
for the clock to stabilize.
The hardware configuration pins are read and the values
latched. These set the default values of the pin-dependent
registers in the subsystem and PHY core registers.
The MAC interface block is reset.
The PHY core is reset.
The PHY core CMU is reset.
An interrupt to indicate that a hardware reset occurred is
generated depending on the pin configuration (if the
ADIN1300 was configured to enter software power-down
mode after reset).
Software Reset
The ADIN1300 supports the following different software resets
that reset specific circuit blocks under software control:
Subsystem software reset with pin configuration
Subsystem software reset
PHY core software reset
Subsystem Software Reset with Pin Configuration
The ADIN1300 supports a software reset capability that behaves
in a similar way to a hardware reset (see Table 18) (see the
Subsystem Register Summary section). A subsystem reset with a
pin configuration can be initiated by setting the GE_SFT_
RST_CFG_EN bit (Address 0xFF0D) to 1 before setting
GE_SFT_RST bit (Address 0xFF0C) to 1. This subsystem
software reset follows the same reset sequence as the POR and
hardware reset, except the crystal oscillator is not disabled and
the clock stabilization step is skipped. The state of the hardware
configuration pins is read and latched. These configuration pins
set the default values of the pin dependent registers in the
subsystem and PHY core registers. The MAC interface block
and PHY core are reset. If a 125 MHz clock is selected as the
PHY output clock, the GP_CLK pin, the PHY core CMU is not
reset. Otherwise, the CMU is reset. The main difference
between this type of reset and a hardware reset is that the
crystal oscillator is not disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com