Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 38 of 79
•
VDDIO enables the MDIO and MAC interface voltage
supply to be configured independently of the other
circuitry on the ADIN1300.
There are no power supply sequencing requirements around the
order of power being applied to the device. See the Power-Up
Timing section for more details.
The following simplified system level power solutions show
three recommended arrangements for powering the ADIN1300
PHY and companion two-port switch (note that depending on
the choice of two-port switch, there may be differing power
supply requirements to what is shown).
3.3V
ADP51331
DUAL, 800mA
BUCK
REGULATOR
1ALTERNATIVES ARE ADP5023 OR ADP5024 (WITH LDO CHANNEL).
VOUT1
VOUT2
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
1.8V
DVDD_0P9
VDDIO
AVDD_3P3
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
DVDD_0P9
VDDIO
AVDD_3P3
0.9V
TWO-PORT
SWITCH
10Mbps, 100Mbps, 1Gbps
PORT 1
PORT 2
Figure 35. Recommended Power Solution for 3.3 V with RGMI Operating at
VDDIO = 1.8 V
3.3V
24V
ADP51331
DUAL, 800mA
BUCK
REGULATOR
1ALTERNATIVES ARE ADP5023 OR ADP5024 (WITH LDO CHANNEL).
2ALTERNATIVES ARE ADP2443, 3A CAPABLE.
VOUT1
VOUT2
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
1.8V
DVDD_0P9
VDDIO
AVDD_3P3
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
DVDD_0P9
VDDIO
AVDD_3P3
0.9V
TWO-PORT
SWITCH
10Mbps, 100Mbps, 1Gbps
PORT 1
PORT 2
ADP24412
36V, 1A
BUCK
REGULATOR
Figure 36. Recommended Power Solution with 24 V System Power, where
RGMI is Operating at VDDIO = 1.8 V
ADP5135
TRIPLE, 1800mA
BUCK
REGULATOR
VOUT2
VOUT1
VOUT3
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
1.8V
DVDD_0P9
VDDIO
AVDD_3P3
ADIN1300
10Mbps, 100Mbps, 1Gbps
ETHERNET PHY
DVDD_0P9
VDDIO
AVDD_3P3
0.9V
TWO-PORT
SWITCH
10Mbps, 100Mbps, 1Gbps
PORT 1
PORT 2
5V
SYSTEM
SUPPLY
Figure 37. Recommended Power Solution using ADP5135 Triple Buck
Regulator to Supply all Three Voltage Rails
SUPPLY DECOUPLING
It is recommended to decouple each of the AVDD_3P3, VDDIO,
and DVDD_0P9 supply pins with 0.1 μF in parallel with 0.01 μF
capacitors to ground. Place decoupling capacitors as close to the
relevant pins as possible and ensure that the capacitor ground is
routed directly into the plane.
ADIN1300
VDDIO
3.3V/
2.5V/
1.8V
AVDD_3P3
3.3V
AVDD_3P3
DVDD_0P9
DVDD_0P9
0.01µF
0.1µF
VDDIO
0.01µF
0.1µF
VDDIO
0.01µF
0.1µF
0.01µF
0.1µF
0.01µF
0.1µF
AVDD_3P3
0.01µF
0.1µF
0.01µF
0.1µF
0.01µF
0.1µF
0.9V
Figure 38. Supply Decoupling Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com