Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 7 of 79
CONFIGURATION
LATCHED
DUAL FUNCTION
PINS ENABLED AS OUTPUTS
t3
t1
RESET RELEASED
CLOCK STABILISING
HARDWARE
CONFIG LATCHED
HARDWARE
POWERDOWN
MANAGEMENT
INTERFACE ACTIVE
MANAGEMENT
INTERFACE ACTIVE
t4
t2
XTAL_I
RESET_N
PIN
MDC
HARDWARE
BOOTSTRAP
PINS
FUNCTIONAL
STATE
Figure 3. Hardware Reset Timing
Management Interface Timing
Table 4. Management Interface Timing
Parameter
Description
Min
Typ
Max
Unit
t1
MDC period
180
ns
t2
MDC high time
70
ns
t3
MDC low time
70
ns
t4
MDC rise/fall time
5
ns
t5
MDIO signal setup time to MDC
10
ns
t6
MDIO signal hold time to MDC
10
ns
t7
MDIO delay time to MDC
0
60
ns
MDC
MDIO
INPUT
MDC
MDIO
OUTPUT
t2
t3
t1
t5
t6
t4
t4
t7
Figure 4. Management Interface Timing
MII Transmit and Receive Timing
Table 5. MII 100BASE-TX Transmit Timing
Parameter
Description
Min
Typ
Max
Unit
t1
TX_CLK period
40
ns
t2
TX_CLK high time
14
20
26
ns
t3
TX_CLK low time
14
20
26
ns
t4
TX_CLK rise/fall time
5
ns
t5
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) setup time to TX_CLK
10
ns
t6
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) hold time to TX_CLK
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com