Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 59 of 79
Bits
Bit Name
Description
Reset
Access
4
FLD_SLCR_OUT_STUCK_B_1000_EN
Enhanced link detection PMA slicer output stuck at detection enable for
1000BASE-T.
0x1
R/W
3
FLD_SLCR_IN_ZDET_B_100_EN
Enhanced link detection PMA slicer input zero detection enable for
100BASE-TX.
0x1
R/W
2
FLD_SLCR_IN_ZDET_B_1000_EN
Enhanced link detection PMA slicer input zero detection enable for
1000BASE-T.
0x1
R/W
1
FLD_SLCR_IN_INVLD_B_100_EN
Enhanced link detection PMA slicer input invalid level detection enable
for 100BASE-TX. Enabled when set high.
0x0
R/W
0
FLD_SLCR_IN_INVLD_B_1000_EN
Enhanced link detection PMA slicer input invalid level detection enable
for 1000BASE-T. Enabled when set high.
0x1
R/W
Enhanced Link Detection Latched Status Register
Address: 0x8E38, Reset: 0x0000, Name: FLD_STAT_LAT
This register is the latched status for the enhanced link detection function. This bit is latched until the start of the next link-up, when it is
cleared.
Table 67. Bit Descriptions for FLD_STAT_LAT
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
FAST_LINK_DOWN_LAT
Main Enhanced Link Detection Latched Indication.
0x0
R
[12:0]
RESERVED
Reserved.
0x0
R
Receive MII Clock Stop Enable Register
Address: 0x9400, Reset: 0x0400, Name: RX_MII_CLK_STOP_EN
This register contains the clock stop enable bit specified in Clause 45.2.3.1.4 of IEEE Standard 802.3, which, in the IEEE standard, is at
MMD Register Address 3.0, Bit 10.
Table 68. Bit Descriptions for RX_MII_CLK_STOP_EN
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
RX_MII_CLK_STOP_EN
If this bit is set, the PHY may stop the receive MII clock while it is signaling low power
enable (LPI). Otherwise, it keeps the clock active.
0x1
R/W
1: the PHY may stop the clock during LPI.
0: clock not stoppable.
[9:0]
RESERVED
Reserved.
0x0
R
PCS Status 1 Register
Address: 0x9401, Reset: 0x0040, Name: PCS_STATUS_1
The bits contained in this register correspond to the bits in the PCS Status 1 register specified in Clause 45.2.3.2 of IEEE Standard 802.3,
which, in the IEEE standard, is at MMD Register Address 3.1, Bits[11:8] and Bit 6.
Table 69. Bit Descriptions for PCS_STATUS_1
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
11
TX_LPI_RCVD
The transmit LPI received bit is a latched version of TX_LPI. When this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
1: transmit PCS has received LPI.
0: LPI not received.
10
RX_LPI_RCVD
The receive LPI received bit is a latched version of RX_LPI. When this bit goes high,
it latches high until it is unlatched by reading.
0x0
R
1: receive PCS has received LPI.
0: LPI not received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com