Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 44 of 79
Bits
Bit Name
Description
Reset
Access
8
FD_100_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing
information indicating supported technologies specific to the selector field value. This
bit is to advertise 100BASE-TX full duplex. Note that the default value of this register bit
is configurable via the hardware configuration pins, which allows the default operation
of the PHY to be configured in unmanaged applications.
0x1
R/W
7
HD_100_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector field
value. This bit is to advertise 100BASE-TX half duplex. Note that the default value of this
register bit is configurable via the hardware configuration pins, which allows the default
operation of the PHY to be configured in unmanaged applications.
0x1
R/W
6
FD_10_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector field
value. This bit is to advertise 10BASE-T full duplex. Note that the default value of this
register bit is configurable via the hardware configuration pins, which allows the default
operation of the PHY to be configured in unmanaged applications.
0x1
R/W
5
HD_10_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector field
value. This bit is to advertise 10BASE-T half duplex. Note that the default value of this
register bit is configurable via the hardware configuration pins, which allows the default
operation of the PHY to be configured in unmanaged applications.
0x1
R/W
[4:0]
SELECTOR_ADV
Selector field is a 5-bit wide field, encoding 32 possible messages. This field always
reads as 1'b1, indicating that the PHY only supports IEEE Standard 802.3.
0x1
R/W
Autonegotiation Link Partner Base Page Ability Register
Address: 0x0005, Reset: 0x0000, Name: LP_ABILITY
This address corresponds to the link partner ability register specified in Clause 28.2.4.1.4 of IEEE Standard 802.3.
Table 36. Bit Descriptions for LP_ABILITY
Bits
Bit Name
Description
Reset
Access
15
LP_NEXT_PAGE
Link Partner Next Page Bit. Next page exchange occurs after the base link code
words have been exchanged. Next page exchange consists of using the normal
autonegotiation arbitration process to send next page messages. Next page
transmission ends when both ends of a link segment set their next page bits to
Logic 0, indicating that neither has anything additional to transmit.
0x0
R
14
LP_ACK
This bit is used by the internal handshaking in autonegotiation and must be ignored.
0x0
R
1: link partner has successfully received its link code word.
0: link partner has not received its link code word.
13
LP_REM_FLT
The link partner remote fault bit provides a standard transport mechanism for the
transmission of simple fault information.
0x0
R
12
LP_EXT_NEXT_PAGE_ABLE
The link partner extended next page bit indicates that the link partner supports
transmission of extended next page. The use of extended next page is orthogonal
to the negotiated data rate, medium, or link technology.
0x0
R
11
LP_APAUSE_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises asymmetric pause
operation for full duplex links.
0x0
R
10
LP_PAUSE_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing
information indicating supported technologies specific to the selector field value.
This bit indicates that the link partner advertises pause operation for full duplex links.
0x0
R
9
LP_T_4_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises 100BASE-T4.
0x0
R
8
LP_FD_100_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises 100BASE-TX full duplex.
0x0
R
7
LP_HD_100_ABLE
The technology ability field is a 7-bit wide field (Bits[11:5] within this register)
containing information indicating supported technologies specific to the selector
field value. This bit indicates that the link partner advertises 100BASE-TX half duplex.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com