Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 74 of 79
Bits
Bit Name
Description
Reset
Access
[8:6]
GE_RGMII_RX_SEL
This field allows the RGMII receive clock delay to be specified in terms of the
data link layer (DLL) unit delay (tU = 200 ps).
0x0
R/W
111: 10 × tU + 400 ps.
110: 9 × tU + 400 ps.
101: reserved.
100: reserved.
011: reserved.
010: 7 × tU + 400 ps.
001: 6 × tU + 400 ps.
000: 8 × tU + 400 ps.
[5:3]
GE_RGMII_GTX_SEL
This field allows the RGMII transmit clock delay to be specified in terms of
the DLL unit delay (tU = 200 ps).
0x0
R/W
111: 10 × tU + 400 ps.
110: 9 × tU + 400 ps.
101: reserved.
100: reserved.
011: reserved.
010: 7 × tU + 400 ps.
001: 6 × tU + 400 ps.
000: 8 × tU + 400 ps.
2
GE_RGMII_RX_ID_EN
Enable/disable receive clock internal 2 ns delay in RGMII mode. Note that
the default value of this bit is configurable via hardware configuration pins.
This allows the default operation of the PHY to be configured in
unmanaged applications.
0x1
R/W
1: enable receive clock internal 2 ns delay in RGMII mode.
0: disable receive clock internal 2 ns delay in RGMII mode.
1
GE_RGMII_TX_ID_EN
Enable/disable transmit clock internal 2 ns delay in RGMII mode. Note that
the default value of this bit is configurable via hardware configuration pins.
This allows the default operation of the PHY to be configured in
unmanaged applications.
0x1
R/W
1: enable transmit clock internal 2 ns delay in RGMII mode.
0: disable transmit clock internal 2 ns delay in RGMII mode.
0
GE_RGMII_EN
This bit selects the RGMII MAC interface mode. Note that the default value
of this bit is configurable via hardware configuration pins. This allows the
default operation of the PHY to be configured in unmanaged applications.
0x1
R/W
Subsystem RMII Configuration Register
Address: 0xFF24, Reset: 0x0116, Name: GE_RMII_CFG
This register allows the MAC interface RMII configuration to be controlled.
Table 120. Bit Descriptions for GE_RMII_CFG
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x1
R
7
GE_RMII_FIFO_RST
This bit allows the RMII FIFO to be reset.
0x0
R/W
[6:4]
GE_RMII_FIFO_DPTH
This field allows the RMII receive FIFO depth to be selected.
0x1
R/W
111: reserved.
110: reserved.
101: ± 24 bits.
100: ± 20 bits.
011: ± 16 bits.
010: ± 12 bits.
001: ± 8 bits.
000: ± 4 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com