Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 65 of 79
Frame Generator Number of Frames Low Register
Address: 0x941D, Reset: 0x0100, Name: FG_NFRM_L
This register is Bits[15:0] of a 32-bit register that specifics the number of frames to be generated each time the frame generator is enabled
or restarted.
Table 91. Bit Descriptions for FG_NFRM_L
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_L
Bits[15:0] of the Number of Frames to be Generated.
0x100
R/W
Frame Generator Done Register
Address: 0x941E, Reset: 0x0000, Name: FG_DONE
This register is used to indicate that the frame generator has completed the generation of the number of frames requested in the
FG_NFRM_H register and FG_NFRM_L register (Address 0x941C and Address 0x941D, respectively).
Table 92. Bit Descriptions for FG_DONE
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_DONE
This bit reads as 1'b1 to indicate that the generation of frames has completed. When set, this bit
goes high and it latches high until it is unlatched by reading.
0x0
R
FIFO_SYNC Register
Address: 0x9427, Reset: 0x0000, Name: FIFO_SYNC
When set, the transmit FIFO is configured for synchronous operation (except in 1000BASE-T slave mode) to minimize latency.
Table 93. Bit Descriptions for FIFO_SYNC
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FIFO_SYNC
FIFO_SYNC. When set, the transmit FIFO is configured for synchronous operation (except in
1000BASE-T slave mode) to minimize latency.
0x0
R/W
Start of Packet Control Register
Address: 0x9428, Reset: 0x0034, Name: SOP_CTRL
This register controls the start of packet (SOP) detection for IEEE 1588 time stamp controls.
Table 94. Bit Descriptions for SOP_CTRL
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
[6:4]
SOP_N_8_CYCM_1
When the SOP_NCYC_EN bit is set, the SOP_N_8_CYCM_1 bit field specifies the number
of cycles of the MII RX_CLK clock that the transmit and receive SOP indications remain
asserted. Add 1 to the value specified and then multiply by 8 to get the number of cycles.
Note that the SOP indications are always deasserted at the end of the frame.
0x3
R/W
3
SOP_NCYC_EN
When this bit is set, the duration of the transmit and receive SOP indications are defined
by the SOP_N_8_CYCM_1 bit field. Otherwise, the SOP indications are set for the duration
of the frame.
0x0
R/W
2
SOP_SFD_EN
When this bit is set, SFD detection is enabled, so that the SOP signals are asserted when the
SFD in the frame is detected. If this register bit is cleared, the SOP signals are asserted on
the first byte or nibble of the frame. Note that if this signal is changed while packets are
being transmitted or received, the SOP signals may be wrongly asserted. Therefore, only
change the signal while the link is down or when SOP_TX_EN and SOP_RX_EN are cleared.
0x1
R/W
1
SOP_RX_EN
When set, this bit enables the generation of SOP detection for received frames.
0x0
R/W
0
SOP_TX_EN
When set, this bit enables the generation of SOP detection for transmitted frames. To
minimize the SOP indication variation, the detection is done after the transmit FIFO for
modes in which the transmit FIFO is used.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com