Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 34 of 79
TYPICAL POWER CONSUMPTION
Table 1 and the Typical Performance Characteristics section
capture high level detail of the power consumption of the
ADIN1300 under nominal conditions and across the device
temperature range. Power consumption of a PHY depends
heavily on power supply, speed established, operating condition,
and capacitive loading on digital pins.
Power Supplies
The most significant contributor to power consumption is the
supply voltage choice and speed of operation.
The ADIN1300 can operate from a minimum of two power
supply rails, where AVDD_3P3 = VDDIO = 3.3 V and
DVDD_0P9 = 0.9 V. The VDDIO voltage requirements are
dictated by the MAC interface. While two power supply rails
result in a more simplified power strategy, the higher digital
supply voltage translates directly to higher power consumption
needs. This can be seen in Table 26, Table 27, and Table 28,
which describe the various VDDIO voltages. Using the lowest
VDDIO supply rail can achieve a savings close to 100 mW at Gb
speeds with full throughput.
Speed of Link Established
The next biggest contributor to power consumption is the speed
of the link. The ADIN1300 PHY has leading edge power
consumption figures for Gb data. Lower data links run at lower
power consumption numbers. This PHY was designed for low
power consumption when operating at Gb speeds. As a result,
10 Mbps power consumption may not be as low as comparable
offerings in the industry.
Lower Power Modes
The ADIN1300 has a number of means to lower power
consumption under conditions where the PHY is not active or
when it is linked and there is no data transmitting. Full details
on these modes are captured in the Power-Down Modes section.
Two key modes of operation to minimize power are energy
detect power-down mode, when no link is present, and EEE low
power idle mode, where a link is established but the line is idle.
The power consumption under this state is significantly
reduced compared to other idle states. Configuration of these
modes is available through the hardware configuration pins or
directly through the MDI interface. Typical power consumption
for hardware reset, EEE, and EDPD are captured in Table 26,
Table 27, and Table 28 as EEE.
Data Utilization
Table 26, Table 27, and Table 28 also capture the variation for
data utilization for the various speeds. Data is shown for 100%
data to 0% or idle state. In the idle state, the PHY is linked, but
no data transfer is taking place. The power consumption in this
state is lower than full utilization.
Table 26. Typical Current and Power Consumption for VDDIO = 1.8 V1
Mode
DVDD_0P9 Core Supply,
0.9 V (mA)
VDDIO Digital I/O Supply,
1.8 V (mA)
AVDD_3P3 PHY AFE, LED Circuit,
3.3 V (mA)
Total Power (mW)
Gb, 100% Data
38
35
70.5
330
Gb, Idle
38
28
70.5
317
100 Mbps, 100% Data
12
9
35
140
100 Mbps, Idle
11
8
35
138
10 Mbps, 100% Data
7
8
42
158
10 Mbps, Idle
6
7
30
117
EEE
4
1
14
52
Cable Unplug
3
1
6
25
COMA
3
0
1
7
1 TA = 25°C, cable length = 100 meters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com