Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 62 of 79
Frame Checker Symbol Error Counter Register
Address: 0x940E, Reset: 0x0000, Name: FC_SYMB_ERR_CNT
This register is a latched copy of the symbol error counter register. This register is a count of received frames with both RX_ER and
RX_DV set. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the symbol error counter register is
latched, which ensures that the symbol error count and receive frame count are synchronized.
Table 78. Bit Descriptions for FC_SYMB_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_SYMB_ERR_CNT
Latched Copy of the Symbol Error Counter.
0x0
R
Frame Checker Oversized Frame Count Register
Address: 0x940F, Reset: 0x0000, Name: FC_OSZ_CNT
This register is a latched copy of the oversized frame error counter register. This register is a count of received frames with a length greater
than specified in frame checker maximum frame size (FC_MAX_FRM_SIZE register, Address 0x9407). When the receive error counter
(RX_ERR_CNT register, Address 0x0014) is read, the oversized frame error counter register is latched, which ensures that the oversized
frame error count and receive frame count are synchronized.
Table 79. Bit Descriptions for FC_OSZ_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_OSZ_CNT
Latched Copy of the Oversized Frame Error Counter.
0x0
R
Frame Checker Undersized Frame Count Register
Address: 0x9410, Reset: 0x0000, Name: FC_USZ_CNT
This register is a latched copy of the undersized frame error counter register. This register is a count of received frames with a length less
than 64 bytes. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the undersized frame error counter
register is latched, which ensures that the undersized frame error count and receive frame count are synchronized.
Table 80. Bit Descriptions for FC_USZ_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_USZ_CNT
Latched Copy of the Undersized Frame Error Counter.
0x0
R
Frame Checker Odd Nibble Frame Count Register
Address: 0x9411, Reset: 0x0000, Name: FC_ODD_CNT
This register is a latched copy of the odd nibble frame counter register. This register is a count of received frames with an odd number of
nibbles in the frame in 100BASE-TX or 10BASE-T mode. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is
read, the odd nibble frame counter register is latched, which ensures that the odd nibble frame count and receive frame count are synchronized.
Table 81. Bit Descriptions for FC_ODD_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ODD_CNT
Latched Copy of the Odd Nibble Counter.
0x0
R
Frame Checker Odd Preamble Packet Count Register
Address: 0x9412, Reset: 0x0000, Name: FC_ODD_PRE_CNT
This register is a latched copy of the odd preamble packet counter register. This register is a count of received frames with an odd number
of nibbles in the preamble in 100BASE-TX mode. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the
odd preamble packet counter register is latched, which ensures that the odd preamble packet count and receive frame count are synchronized.
Table 82. Bit Descriptions for FC_ODD_PRE_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ODD_PRE_CNT
Latched Copy of the Odd Preamble Packet Counter.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com