Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 51 of 79
PHY Control 3 Register
Address: 0x0017, Reset: 0x3048, Name: PHY_CTRL_3
This register provides access to PHY control register bits for link enable and autonegotiation controls.
Table 50. Bit Descriptions for PHY_CTRL_3
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
LINK_EN
Setting this bit enables linking. If linking is disabled, the PHY enters the standby state
and does not attempt to bring up links. The standby state can be used to run
diagnostics, including cable diagnostics.
0x1
R/W
1: enable linking.
0: disable linking.
[12:10]
NUM_SPEED_RETRY
If downspeed is enabled, this register bit specifies the number of retries the PHY must
attempt to bring up a link at the advertised speed before advertising a lower speed. By
default, the PHY attempts to bring up a link 5 times (4 retries) before downspeeding.
0x4
R/W
[9:0]
RESERVED
Reserved.
0x48
R/W
Interrupt Mask Register
Address: 0x0018, Reset: 0x0000, Name: IRQ_MASK
The interrupt mask register allows interrupts to be masked or unmasked.
Table 51. Bit Descriptions for IRQ_MASK
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R/W
10
CBL_DIAG_IRQ_EN
Cable Diagnostics Interrupt Enable Bit.
0x0
R/W
1: enable cable diagnostics interrupt.
0: disable cable diagnostics interrupt.
9
MDIO_SYNC_IRQ_EN
MDIO Synchronization Lost Interrupt Enable Bit.
0x0
R/W
1: enable MDIO synchronization lost interrupt.
0: disable MDIO synchronization lost interrupt.
8
AN_STAT_CHNG_IRQ_EN
Autonegotiation Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable autonegotiation status changed interrupt.
0: disable autonegotiation status changed interrupt.
7
RESERVED
Reserved.
0x0
R/W
6
PAGE_RX_IRQ_EN
Autonegotiation Page Received Interrupt Enable Bit.
0x0
R/W
1: enable autonegotiation page received interrupt.
0: disable autonegotiation page received interrupt.
5
IDLE_ERR_CNT_IRQ_EN
Idle Error Counter Saturated Interrupt Enable Bit.
0x0
R/W
1: enable idle error counter saturated interrupt.
0: disable idle error counter saturated interrupt.
4
FIFO_OU_IRQ_EN
MAC Interface FIFO Overflow/Underflow Interrupt Enable Bit.
0x0
R/W
1: enable MAC interface FIFO overflow/underflow interrupt.
0: disable MAC interface FIFO overflow/underflow interrupt.
3
RX_STAT_CHNG_IRQ_EN
Receive Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable receive status changed interrupt.
0: disable receive status changed interrupt.
2
LNK_STAT_CHNG_IRQ_EN
Link Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable link status changed interrupt.
0: disable link status changed interrupt.
1
SPEED_CHNG_IRQ_EN
Speed Changed Interrupt Enable Bit.
0x0
R/W
1: enable speed changed interrupt.
0: disable speed changed interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com