Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 61 of 79
Frame Checker Maximum Frame Size Register
Address: 0x9408, Reset: 0x05F2, Name: FC_MAX_FRM_SIZE
This register specifies the maximum frame size. Frames longer than this size are counted as oversized frames.
Table 73. Bit Descriptions for FC_MAX_FRM_SIZE
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_MAX_FRM_SIZE
This bit field specifies the max frame size. Received frames that are longer than this are
counted as oversized frames. Note, this frame length excludes the preamble and start
frame delimiter.
0x5F2
R/W
Frame Checker Count High Register
Address: 0x940A, Reset: 0x0000, Name: FC_FRM_CNT_H
This register is a latched copy of Bits[31:16] of the 32-bit receive frame counter register. When the receive error counter (RX_ERR_CNT
register, Address 0x0014) is read, the receive frame counter register is latched. A copy of the receive frame counter register is latched when
recant is read so that the error count and receive frame count are synchronized.
Table 74. Bit Descriptions for FC_FRM_CNT_H
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FRM_CNT_H
Bits[31:16] of Latched Copy of the Number of Received Frames.
0x0
R
Frame Checker Count Low Register
Address: 0x940B, Reset: 0x0000, Name: FC_FRM_CNT_L
This register is a latched copy of Bits[15:0] of the 32-bit receive frame counter register. When the receive error counter (RX_ERR_CNT
register, Address 0x0014) is read, the receive frame counter register is latched. A copy of the receive frame counter register is latched when
RX_ERR_CNT is read so that the error count and receive frame count are synchronized.
Table 75. Bit Descriptions for FC_FRM_CNT_L
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FRM_CNT_L
Bits[15:0] of Latched Copy of the Number of Received Frames.
0x0
R
Frame Checker Length Error Count Register
Address: 0x940C, Reset: 0x0000, Name: FC_LEN_ERR_CNT
This register is a latched copy of the frame length error counter register. This register is a count of received frames with a length error
status. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the frame length error counter register is
latched, which ensures that the frame length error count and receive frame count are synchronized.
Table 76. Bit Descriptions for FC_LEN_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_LEN_ERR_CNT
Latched Copy of the Frame Length Error Counter.
0x0
R
Frame Checker Alignment Error Count Register
Address: 0x940D, Reset: 0x0000, Name: FC_ALGN_ERR_CNT
This register is a latched copy of the frame alignment error counter register. This register is a count of received frames with an alignment
error status. When the receive error counter (RX_ERR_CNT register, Address 0x0014) is read, the alignment error counter register is
latched, which ensures that the frame alignment error count and receive frame count are synchronized.
Table 77. Bit Descriptions for FC_ALGN_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ALGN_ERR_CNT
Latched Copy of the Frame Alignment Error Counter.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com