Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 10 of 79
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 11.
Parameter
Rating
VDDIO to GND
−0.3 V to +3.63 V
DVDD_0P9 to GND
−0.3 V to +1.1 V
AVDD_3P3 to GND
−0.3 V to +3.63 V
MAC Interface to GND
−0.3 V to VDDIO +
0.3 V
LINK_ST, GP_CLK
−0.3 V to VDDIO +
0.3 V
MDIO, MDC, INT_N to GND
−0.3 V to +3.63 V
MDI_x_x to GND
−0.3 V to AVDD_3P3 +
0.3 V
LED_0, RESET_N, XTAL_I/CLK_IN/REF_CLK,
XTAL_O, CLK25_REF
−0.3 V to AVDD_3P3 +
0.3 V
Operating Temperature Range (TA)
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ Maximum)
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry-
standard
Soldering
J-STD-020
Electrostatic Discharge (ESD)
Human Body Model (HBM)
MDI_x_x Pins
4 kV
All Other Pins
2 kV
Machine Model (MM)
200 V
Field Induced Charged Device Model (FICDM)
1.25 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 12. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-40-26
451
251
°C/W
302
°C/W
1
Based on simulated data using a JEDEC 2s2p thermal test board with a 3 × 3
array of thermal vias in a JEDEC natural convection environment. See JEDEC
specification JESD-51 for details.
2
Test Condition 1: thermal impedance measured on Analog Devices, Inc.,
hardware, 2S2P with 4 × 4 via array.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com