Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 75 of 79
Bits
Bit Name
Description
Reset
Access
3
GE_RMII_TXD_CHK_EN
This bit determines whether or not the TXD_0 pin and TXD_1 pin are
monitored to detect the start of a frame. This bit allows connecting the RMII
receive CRS_DV to the RMII TX_EN signal. This allows a receive to transmit RMII
pin loopback for media converter applications. This is something that it is not
supported in the RMII specification.
0x0
R/W
2
GE_RMII_CRS_EN
This bit determines whether or not CRS is encoded in the CRS_DV output
signal. This allows a receive to transmit RMII pin loopback for media converter
applications. This is something that it is not supported in the RMII specification.
0x1
R/W
1
GE_RMII_BAD_SSD_RX_ER_EN
This bit determines whether or not the RX_ER output signal is asserted when
a false carrier (bad SSD) is detected. When cleared, RX_ER is only asserted in
case of a symbol error during a frame.
0x1
R/W
0
GE_RMII_EN
This bit selects the RMII MAC interface mode. Note that the default value of
this register bit is configurable via hardware configuration pins. This allows
the default operation of the PHY to be configured in unmanaged applications.
As RMII mode requires a 50 MHz reference clock, the RMII interface must be
configured from the hardware configuration pins and not from software.
0x0
R/W
Subsystem PHY Base Configuration Register
Address: 0xFF26, Reset: 0x0C86, Name: GE_PHY_BASE_CFG
This subsystem register allows the enhanced link detection function of the PHY to be configured for 100BASE-TX and for 1000BASE-T,
and allows 1000BASE-T retrain to be configured. Each time a PHY core software reset is issued, the PHY resets its registers, including the
1000BASE-T retrain enable register bit (B_1000_RTRN_EN bit, Address 0x1E.0xA001, Bit 0) and the enhanced link detection 1000BASE-T and
100BASE-TX enable register bits (within the FLD_EN register, Address 0x1E.0x8E27). The default value of the B_1000_RTRN_EN bit is
set via the 1000BASE-T retrain enable configuration bit (GE_RTRN_EN_CFG, within this register). The default value of the enhanced
link detection 1000BASE-T enable register bits (within the FLD_EN register) are set via the GE_FLD_1000_EN_CFG bit and
GE_FLD_100_EN_CFG bit within this register. If the value of any of these enable configuration bits are changed, the corresponding
1000BASE-T retrain enable register bit and the enhanced link detection 1000BASE-T and 100BASE-TX enable register bits in the PHY
only change after a PHY software reset.
Table 121. Bit Descriptions for GE_PHY_BASE_CFG
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R
12
GE_RTRN_EN_CFG
When this bit is set, the IEEE Standard 802.3 1000BASE-T retrain functionality is
enabled in the PHY.
0x0
R/W
11
GE_FLD_1000_EN_CFG
When this bit is set, the enhanced link detection functionality is enabled when the
PHY establishes a 1000BASE-T link.
0x1
R/W
10
GE_FLD_100_EN_CFG
When this bit is set, the enhanced link detection functionality is enabled when the
PHY establishes a 100BASE-TX link.
0x1
R/W
[9:4]
RESERVED
Reserved.
0x8
R/W
3
GE_PHY_SFT_PD_CFG
When this bit is set, the PHY enters software power-down on exit from reset.
0x0
R/W
[2:0]
RESERVED
Reserved.
0x6
R/W
Subsystem Link Status Invert Enable Register
Address: 0xFF3C, Reset: 0x0000, Name: GE_LNK_STAT_INV_EN
This register allows the link status output signal on the LINK_ST pin to be inverted, meaning that link up is indicated by setting LINK_ST
low.
Table 122. Bit Descriptions for GE_LNK_STAT_INV_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_LNK_STAT_INV_EN
When set to 1, this bit enables the link status output signal on the LINK_ST pin to be
inverted, meaning that link up is indicated by setting LINK_ST low.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com