Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 52 of 79
Bits
Bit Name
Description
Reset
Access
0
HW_IRQ_EN
When set, this enables the hardware interrupt pin, INT_N, and INT_N is asserted
when an interrupt is generated.
0x0
R/W
1: enable the hardware interrupt pin, INT_N.
0: disable the hardware interrupt pin, INT_N.
Interrupt Status Register
Address: 0x0019, Reset: 0x0000, Name: IRQ_STATUS
The interrupt status register is used to check which interrupts have triggered since the last time it was read. Each bit goes high when the
associated interrupt triggers and then latches high until it is unlatched by reading (note that reading any of the bits in this register unlatches
all of the bits in the register). The bits of IRQ_STATUS go high even when the associated interrupts are not enabled. However, only bits
associated with enabled interrupts are considered when generating the IRQ_PENDING indication.
Table 52. Bit Descriptions for IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
CBL_DIAG_IRQ_STAT
If the cable diagnostics interrupt status bit is 1, this indicates that the
associated interrupt triggered since last read. Note that when this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
9
MDIO_SYNC_IRQ_STAT
If the MDIO synchronization lost interrupt status bit is 1, this indicates that the
associated interrupt triggered since last read. Note that when this bit goes high,
it latches high until it is unlatched by reading.
0x0
R
8
AN_STAT_CHNG_IRQ_STAT
If the autonegotiation status changed interrupt status bit is 1, this indicates
that the associated interrupt triggered since last read. Note that when this bit
goes high, it latches high until it is unlatched by reading.
0x0
R
7
RESERVED
Reserved.
0x0
R
6
PAGE_RX_IRQ_STAT
If the autonegotiation page received interrupt status bit is 1, this indicates that
the associated interrupt triggered since last read. Note that when this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
5
IDLE_ERR_CNT_IRQ_STAT
If the idle error counter saturated interrupt status bit is 1, this indicates that the
associated interrupt triggered since last read. Note that when this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
4
FIFO_OU_IRQ_STAT
If the MAC interface RGMII transmit FIFO overflow/underflow interrupt status
bit is 1, this indicates that the associated interrupt triggered since last read.
Note that when this bit goes high, it latches high until it is unlatched by reading.
0x0
R
3
RX_STAT_CHNG_IRQ_STAT
If the receive status changed interrupt status bit is 1, this indicates that the
associated interrupt triggered since last read. Note that when this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
2
LNK_STAT_CHNG_IRQ_STAT
If the link status changed interrupt status bit is 1, this indicates that the
associated interrupt triggered since last read. Note that when this bit goes
high, it latches high until it is unlatched by reading.
0x0
R
1
SPEED_CHNG_IRQ_STAT
If the speed changed interrupt status bit is 1, this indicates that the associated
interrupt triggered since last read. Note that when this bit goes high, it latches
high until it is unlatched by reading.
0x0
R
0
IRQ_PENDING
If the interrupt pending status bit is 1, this indicates that an interrupt has
occurred and is pending. Note that when this bit goes high, it latches high until
it is unlatched by reading.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com