Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADIN1300CCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 5 of 79
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS/OUTPUTS
Applies to MAC interface, MDC pin, MDIO pin, and
INT_N pin
VDDIO = 3.3 V
Input Low Voltage (VIL)
0.8
V
Input High Voltage (VIH)
2.0
V
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) (min) = 4 mA
Output High Voltage (VOH)
2.4
V
Output high current (IOH) (min) = 4 mA
VDDIO = 2.5 V
VIL
0.7
V
VIH
1.7
V
VOL
0.4
V
IOL (min) = 4 mA
VOH
2.0
V
IOH (min) = 2 mA
1.7
IOH (min) = 4 mA
VDDIO = 1.8 V
VIL
0.35 ×
VDDIO
V
VIH
0.65 ×
VDDIO
V
VOL
0.45
V
IOL (min) = 2 mA
VOH
VDDIO −
0.45
V
IOH (min) = 2 mA
AVDD_3P3
Applies to COL/TX_ER function of the
LED_0/COL/TX_ER/PHY_CFG0 pin
VIL
0.8
V
VIH
2.0
V
VOL
0.4
V
IOL (min) = 4 mA
VOH
2.4
V
IOH (min) = 4 mA
Input Leakage Current High (IIH) and Input
Leakage Current Low (IIL)
10
μA
Except pins with internal pull-down resistors
LED OUTPUT
Applies to LED_0
Output Drive Current
8
mA
AVDD_3P3 = 3.3 V
CLOCKS
External Crystal (XTAL)
Requirements for external crystal used on XTAL_I pin
and XTAL_O pin
Crystal Frequency
25
MHz
Crystal Frequency Tolerance
−50
+50
ppm
Crystal Output Drive Level
<200
µW
Crystal ESR
20
100
Ω
Crystal Load Capacitance (CL)6
10
pF
XTAL_I Jitter
80
ps
Over frequency range 10 kHz to 5 MHz
Clock Input Frequency (CLK_IN)
25
MHz
Requirements for external clock applied to
XTAL_I pin, MII, RGMII modes
50
MHz
RMII mode
Clock Input Voltage Range (CLK_IN)
2.5
V
1
MAC interface capacitive load of 5 pF, REFCLK is disabled.
2
The DPTH_MII_BYTE register defines whether the programmed transmit first in, first out (FIFO) depth is bytes or nibbles for MII modes (10BASE-Te and 100BASE-TX).
The register defaults to 1, which corresponds to bytes. In MII mode, because the interface is nibble based, the internal prefill in the transmit FIFO is larger and is
observed as longer latency times. The latency specifications in Table 1 have this bit set to 0 for MII.
3
This 100BASE-TX RGMII transmit latency is where the transit FIFO is programmed for synchronous operation (MAC transmit clock must be synchronous with the
ADIN1300 reference clock), see the FIFO_SYNC register.
4
This 100BASE-TX RGMII transmit latency is where the MAC transmit clock does not have to be synchronous with the ADIN1300 reference clock and the transmit FIFO
takes care of any phase difference.
5
The RMII transmit latency depends on the phase relationship between the 50 MHz reference clock and the internal 25 MHz clock. The transmit latency is fixed for a given link.
6
Where load capacitance (CL) = ((C1 × C2)/(C1 + C2) + CSTRAY), where CSTRAY is the stray capacitance including routing and package parasitics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com