Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 23 of 79
Typically, the PHY enters energy detect power-down mode
when the cable is unplugged and exits this mode when a cable is
plugged in and a remote link partner appears. In this mode, the
PHY periodically wakes up and transmits a link pulse on the
MDI_0 and MDI_1 pins to ensure that a lock out is avoided
where both local and remote PHY are in an energy detect
power-down mode.
EEE, Low Power Idle Mode
The ADIN1300 supports EEE and is compliant with the IEEE
802.3 standard. EEE can be used to reduce power consumption
when no data is being transmitted by either the local or remote
end. Both devices must have EEE enabled and advertised. If EEE
is advertised by the local and remote PHYs, an EEE link is
brought up. If there is no data to be sent, the MAC requests the
ADIN1300 to enter EEE low power idle mode. When the MAC
or remote PHY wishes to send data, the ADIN1300 PHY wakes
up (within 16 µs for 1000BASE-T and 20 µs for 100BASE-TX)
and can send or receive data.
The transitions between lower power consumption and normal
operation is handled such that all frames remain intact and
transmitted as normal, and the upper layer protocols are unaware
of any changes at the PHY level. When data is transmitted, it
continues to transmit at the fastest link speed established. See
the Typical Power Consumption section for more details on the
power savings in this mode.
EEE mode can be enabled using the appropriate pull-up/pull-
down resistors on the LINK_ST pin and LED_0 pin (see Table 23)
or by setting the EEE_1000_ADV or EEE_100_ADV bits (EEE_
ADV register, Address 0x8001) to 1. During link autonegotiation,
the local and remote PHYs advertise the speeds supported,
including if they are EEE capable and, the PHYs then attempt to
bring up a link at the highest speed supported by both sides. If
EEE is advertised by both the local and remote PHYs for the
established link speed, the link is an EEE link. If there is an EEE
link and if at some point in time there is no data to be sent, the
MAC requests the ADIN1300 to enter EEE LPI mode, which is
almost as low power as energy detect power-down mode. The
ADIN1300 wakes up periodically to transmit refresh signals
that are used by the link partner to update adaptive filters and
timing circuits to maintain link integrity.
The following events occur when in EEE LPI mode:
•
All analog and digital circuits are in a low power mode.
•
Most internal clocks are gated off.
•
The output reference clock (if enabled) is available on the
CLK25_REF pin.
•
The selected PHY output clock (if enabled) is available on
the GP_CLK pin.
•
The management interface registers are accessible.
•
The PHY monitors the line for an LPI wake signal.
When the local or remote PHY wishes to send data, the PHY
initiates an LPI wake sequence and the PHYs can then start to
send or receive data within 16 µs for 1000BASE-T (20 µs for
100BASE-TX).
STATUS LED
The ADIN1300 provides a configurable status LED. The LED
can be used to indicate the speed of operation, link status, and
duplex mode. The LED pin can be configured to be active high
or active low. The recommendation is to use the LED as active
low. The ADIN1300 automatically senses the connection of the
LED during power up and reset. For example, if it senses that
the pin is pulled to a supply, it configures the LED for active low
operation. By default, LED_0 illuminates when a link is
established and blinks when there is activity. The default LED
operation can be overwritten in software using the PHY LED
control registers, LED_CTRL_1, LED_CTRL_2, and
LED_CTRL_3 (Register Address 0x001B, Register Address
0x001C, and Register Address 0x001D, respectively). See
Table 54, Table 55, and Table 56.
R_HI
R_LO
RL
LED PIN
GND
3.3V
MODE_3/MODE_4
R_HI
R_LO
RL
RS
LED PIN
GND
3.3V
MODE_1/MODE_2
Figure 25. LED_0 Hardware Configuration Pin Interaction
The LED_0 pin is also shared with pin configuration functions
as defined in Table 23, and it can be necessary for the voltage
level on the pin to be at a certain value on power-on and reset to
configure the ADIN1300 as required (set by a pull-up resistor
from the pin to the supply (R_HI) and a pull-down resistor
from the pin to GND (R_LO) in Figure 25).
The default operation of the LED is active low. So, if the default
configuration setting is MODE_4, an external LED circuit using
an active low LED results in a Logic 1 being read at the pin, and
so the LED behaves as expected. For example, the LED does not
turn on at power-on and reset.
An active low LED circuit is functional for a configuration
setting of MODE_3 where the sense voltage is such that an
active low LED is still off during power-on and reset, because
there is insufficient forward voltage.
For configuration settings of MODE_1 or MODE_2, an
external transistor must drive the LED as an active high LED, as
shown in Figure 25. It is also be possible to drive an active high
LED directly from the pin. However, this necessitates the use of
an LED with a low forward voltage and, depending on the LED
chosen, the LED may be quite dim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com