Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 33 of 79
N by 8 minus 1 cycles register (SOP_N_8_CYC_M_1_D_EN
register, Address 0x9428, Bits[6:4]).
The ADIN1300 start of packet detection and indication circuit
includes the ability to delay each of the SOP transmit and
receive indications by a programmable number of clock cycles.
The purpose of this on the receive side is to support MAC
interfaces with long latency so that the received frame SOP
indication is not asserted before the MAC receives the frame.
The purpose of this on the transmit side is to align the transmit
SOP indication assertion close to the reference point set on the
MDI pins (so that the time stamping point does not have to be
adjusted at the MAC/switch side). There are programmable
registers for the delays for 1000BASE-T mode, 100BASE-TX
mode, and 10BASE-T mode for transmit and receive. These are
programmed via the SOP_RX_DEL register and SOP_TX_DEL
register, Address 0x9429 and Address 0x942A, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com