Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 16 of 79
THEORY OF OPERATION
OVERVIEW
The ADIN1300 is a low power, single port, Gigabit Ethernet
transceiver with low latency specifications primarily designed
for industrial Ethernet applications. This design integrates an
EEE PHY core and all associated common analog circuitry, input
and output clock buffering, management interface and
subsystem registers, and MAC interface and control logic to
manage the reset and clock control and hardware pin
configuration.
The ADIN1300 interfaces directly to twisted pair media through
an external transformer and is capable of supporting cable
lengths up to 150 meters at Gigabit speeds and 180 meters when
operating at 100 Mbps or 10 Mbps speeds.
When the 10 Mbps speed is selected, the device operates by
default in 10BASE-Te mode using the 10BASE-Te transmit
levels. The ADIN1300 can be configured via software (using the
B10eEn bit, see Table 100) to operate 10BASE-T mode using the
larger 10BASE-T transmit levels. The only difference between
10BASE-Te and 10BASE-T is the transmit level. A PHY
configured as 10BASE-Te interoperates with a 10BASE-T PHY,
assuming a normal Cat-5 cable is used.
The ADIN1300 provides a suite of diagnostic features enabling
the user to analyze the quality of the link during operation or
while the link is down.
Figure 19 shows a simplified overview of the main channel
blocks. The following sections describe each block.
ANALOG FRONT END (AFE)
The AFE stage consists of a hybrid stage, a programmable gain
amplifier (PGA), and an analog-to-digital convertor (ADC). The
function of the hybrid stage is to remove the transmitted signal
from the input signal, thereby allowing full-duplex operation on
the twisted pair. The PGA stage scales the incoming signal
before it reaches the ADC. The gain stage is controlled and
adjusted based on the output of the ADC to ensure the signal
applied to the ADC is maximized but within range of the ADC.
Physical Media Attachment (PMA)
The PMA block consists of the feed forward equalizer (FFE)
stage, which removes intersymbol interference (ISI).
The twisted pairs of Ethernet cables are not internally shielded
from each other, so signals transmitted on one pair couple across
to the other pairs. When a transmitter does not match to the
line due to mismatches or cable connectors, reflections are
observed as an echo. The echo and crosstalk estimates are
subtracted from the equalizer output.
Baseline wander is an artifact of the external transformer that
attenuates at low frequencies. When there are many symbols with
the same sign transmitted consecutively, the signal at the receiver
reduces. The baseline wander block monitors and corrects to
ensure the likelihood of receiving a symbol error is reduced.
Transmit Functions
1000BASE-T Mode
In 1000BASE-T, the PHY core encodes 8-bit data for transmission
by the PMA as a 4D five-level pulse amplitude modulation
(PAM) signal over the four pairs of cable.
100BASE-TX Mode
For the 100BASE-TX mode, the 4-bit data is first encoded into a
5-bit serial bit stream running at 125 Mbps. This is then sent to
the scrambler where it is encoded to a three-level multilevel
transmit (MLT3) format for transmission by the PMA.
10BASE-Te Mode
For the 10BASE-Te mode, the PHY transmits and receives
Manchester-encoded data.
Receive Functions
1000BASE-T Mode
The PMA decodes the incoming 4D PAM signals into 8-bit
data. After performing compensation and after additional
cleanup, the PMA outputs the data to the receive pins of the
MAC interface.
100BASE-TX Mode
The PMA decodes the incoming 3-level MLT3 sequence into
4-bit data after descrambling and 5-bit to 4-bit decoding.
10BASE-Te Mode
The core decodes the Manchester-encoded received signal.
HYBRID
MDI_0_P
MDI_0_N
MDI_1_P
MDI_1_N
MDI_2_P
MDI_2_N
MDI_3_P
MDI_3_N
RX PATH
TX PATH
MAC
INTERFACE
PCS
PMA
AFE
SUBSYSTEM
ADC
FRAME
GENERATOR
AND CHECKER
FFE
PGA
ECHO
CANCELLER
TRANSMIT
SHAPING
BLW
CORRECTION
NEXT
CANCELLER
TRELLIS
DECODER
DAC
ENCODE
Figure 19. Simplified Channel Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com