Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 8 of 79
TX_CLK
TXD_0 TO TXD_3
TX_EN
TX_ER
t2
t3
t1
t5
t6
t4
t4
Figure 5. MII Transmit Timing
Table 6. MII 100BASE-TX Receive Timing
Parameter
Description
Min
Typ
Max
Unit
t1
RX_CLK period
40
ns
t2
RX_CLK high time
16
20
24
ns
t3
RX_CLK low time
16
20
24
ns
t4
RX_CLK rise/fall time
1
ns
t5
MII output signal (RXD_0 to RXD_3, RX_EN, RX_ER) setup time to RX_CLK
10
ns
t6
MII output signal (RXD_0 to RXD_3, RX_EN, RX_ER) hold time to RX_CLK
10
ns
RX_CLK
RXD_0 TO RXD_3
RX_EN
RX_ER
t2
t3
t1
t5
t6
t4
t4
Figure 6. MII Receive Timing
Table 7. MII 10BASE-Te Transmit Timing (see Figure 5)
Parameter
Description
Min
Typ
Max
Unit
t1
TX_CLK period
400
ns
t2
TX_CLK high time
140
200
260
ns
t3
TX_CLK low time
140
200
260
ns
t4
TX_CLK rise/fall time
1
ns
t5
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) setup time to TX_CLK
10
ns
t6
MII input signal (TXD_0 to TXD_3, TX_EN, TX_ER) hold time to TX_CLK
0
ns
Table 8. MII 10BASE-Te Receive Timing (see Figure 6)
Parameter
Description
Min
Typ
Max
Unit
t1
RX_CLK period
400
ns
t2
RX_CLK high time
140
200
260
ns
t3
RX_CLK low time
140
200
260
ns
t4
RX_CLK rise/fall time
1
1
ns
t5
MII output signal (RXD_0 to RXD_3, RX_EN, RX_ER) setup time to RX_CLK
10
ns
t6
MII output signal (RXD_0 to RXD_3, RX_EN, RX_ER) hold time to RX_CLK
10
ns
RGMII Transmit/Receive
Table 9. RGMII Timing
Parameter
Description
Min
Typ
Max
Unit
t1
Data to clock output skew (at transmitter)1
−500
0
+500
ps
t2
Data to clock input skew (at receiver)1
1
1.8
2.6
ns
t3
Data to clock output setup time (at transmitter – internal delay)2
1.2
2.0
ns
t4
Clock to data output hold time (at transmitter – internal delay)2
1.2
2.0
ns
t5
Data to clock input setup time (at receiver – internal delay)2
1.0
2.0
ns
t6
Clock to data input hold time (at receiver – internal delay)2
1.0
2.0
ns
tCYC
Clock cycle duration3
7.2
8
8.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com