Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 78 of 79
PCB LAYOUT RECOMMENDATIONS
This is an overview of the key areas of interest during placement
and layout of the PHY and corresponding support components.
Take care when routing high speed interface signals to maximize
signal performance and ensure optimum EMC performance,
with a view to ensure critical signal traces are kept as short as
possible to minimize noise coupling.
PHY PACKAGE LAYOUT
The LFCSP has an exposed pad underneath the package that
must be soldered to the PCB ground for mechanical and thermal
reasons. For thermal impedance performance and to maximize
heat removal, use of a 4 × 4 array of thermal vias beneath the
exposed ground pad is recommended.
There are also two keep out areas on the top and bottom of the
exposed pad. The PCB land pattern must incorporate the exposed
ground paddle with vias and these two keep out areas in the
footprint. No PCB traces or vias can be used in either of the keep
out areas. The EVAL-ADIN1300FMCZ uses an array of 4 × 4
vias on a 0.75 mm grid arrangement, as shown in Figure 39.
The via pad diameter dimension is 0.02 in. (0.5015 mm) and
the finished drill hole diameter is 0.01 in. (0.2489 mm).
0.0295"
(0.75mm)
0.020"
(0.5105mm)
KEEPOUT
PIN 1
PIN 40
Figure 39. Exposed Paddle Via Array on EVAL-ADIN1300FMCZ
COMPONENT PLACEMENT
Prioritization of the critical traces and components helps simplify
the routing exercise. Place and orient the critical traces and
components first to ensure an effective layout with minimal
turns, vias, and crossing traces. For an Ethernet PHY layout, the
important components are the crystal and load capacitors, the
transformer on the MDI lines, and all bypass capacitors local to
the device. Prioritize these components and the routing to them.
Keep the PHY chip at least 1 in. away from the edge of the board.
The following sections provide more detail for each of the areas.
Crystal Placement and Routing
To ensure minimum current consumption and to minimize
stray capacitances, make connections between the crystal,
capacitors, and ground as close to the ADIN1300 as possible.
Magnetics Placement
Orient the magnetics and RJ45 in line with the MDI_x_x pins
from the PHY chip.
MDI, DIFFERENTIAL PAIR ROUTING
The MDI interface runs from the ADIN1300 PHY to the
transformer, and from there to the RJ45 connector. Traces
running from the MDI_x_x pins of the ADIN1300 to the
magnetics must be on the same side of the board, kept as short
as possible (ideally less than 1 in. in length), and individual trace
impedance of these tracks kept below 50 Ω, with differential
impedance of 100 Ω for each pair. The same recommendations
apply for traces running from the magnetics to the RJ45
connector. Keep impedances constant throughout because any
discontinuities may affect signal integrity.
Each pair must be routed together, trace widths kept the same
throughout, trace lengths kept equal where possible, and avoid
any right angles on these traces (use curves in traces or 45° angles).
Avoid stubs on all signal traces. Where possible, route traces on
the same layer.
Route traces over a continuous reference plane with no
interruptions to reduce inductance.
Where possible, ensure a solid return path underneath all signal
traces. Avoid routing signal traces across plane splits.
TRACES
RUN PARALLEL
THROUGHOUT
AVOID
STUBS
GROUND OR POWER
GROUND
OR POWER
AVOID CROSSING
POWER OR GND
PLANES
Figure 40. Things to Avoid when Routing Differential Pairs
MAC INTERFACE PINS
Keep trace lengths as short as possible. Route traces with an
impedance of 50 Ω to ground.
POWER AND GROUND PLANES
From a PCB layout point of view, it is important to place the
decoupling capacitors as close as possible to the power and GND
pins to minimize the inductance.
Magnetics Module Grounding
A split ground plane under the transformer minimizes noise
coupling across the transformer and between adjacent coils within.
Ensure a physical separation of the ground planes underneath
the transformer. Make the width of this separation at least 100 mil.
RJ45 Module Grounding
For optimal EMC performance, it is recommended to use a
metal shielded RJ45 connector with the shield connected to
chassis ground. There must be an isolation gap between the
chassis ground and the PHY IC ground with consistent
isolation across all layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com