Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 35Page - Cirrus Logic CS47L63 Datasheet HTML 36Page - Cirrus Logic CS47L63 Datasheet HTML 37Page - Cirrus Logic CS47L63 Datasheet HTML 38Page - Cirrus Logic CS47L63 Datasheet HTML 39Page - Cirrus Logic CS47L63 Datasheet HTML 40Page - Cirrus Logic CS47L63 Datasheet HTML 41Page - Cirrus Logic CS47L63 Datasheet HTML 42Page - Cirrus Logic CS47L63 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 300 page
background image
DS1085F3
39
CS47L35
4.3 Digital Core
4.2.8
DMIC Pin Configuration
DMIC operation on input paths IN1 and IN2 is selected using INn_MODE, as described in Table 4-3. If DMIC is selected,
the respective DMICCLKn and DMICDATn pins are configured as digital outputs and inputs, respectively.
The CS47L35 provides integrated pull-down resistors on each of the DMICDATn pins. This provides a flexible capability
for interfacing with other devices.
The DMICDAT1 and DMICDAT2 pull-down resistors can be configured independently using the bits described in
Table 4-6. Note that, if the DMICDATn DMIC input paths are disabled, the pull-down is disabled on the respective pin.
4.3 Digital Core
The CS47L35 digital core provides extensive mixing and processing capabilities for multiple signal paths. The
configuration is highly flexible, and virtually every conceivable input/output connection can be supported between the
available processing blocks.
The digital core provides parametric equalization (EQ) functions, DRC, low-/high-pass filters (LHPF), and programmable
DSP capability. The DSP can support functions such as wind-noise, side-tone, or other programmable filters, also dynamic
range control and compression, or virtual surround sound and other audio enhancements.
0x1B
–50.5
0x4C
–26.0
0x7D
–1.5
0xAE
23.0
0x1C
–50.0
0x4D
–25.5
0x7E
–1.0
0xAF
23.5
0x1D
–49.5
0x4E
–25.0
0x7F
–0.5
0xB0
24.0
0x1E
–49.0
0x4F
–24.5
0x80
0.0
0xB1
24.5
0x1F
–48.5
0x50
–24.0
0x81
0.5
0xB2
25.0
0x20
–48.0
0x51
–23.5
0x82
1.0
0xB3
25.5
0x21
–47.5
0x52
–23.0
0x83
1.5
0xB4
26.0
0x22
–47.0
0x53
–22.5
0x84
2.0
0xB5
26.5
0x23
–46.5
0x54
–22.0
0x85
2.5
0xB6
27.0
0x24
–46.0
0x55
–21.5
0x86
3.0
0xB7
27.5
0x25
–45.5
0x56
–21.0
0x87
3.5
0xB8
28.0
0x26
–45.0
0x57
–20.5
0x88
4.0
0xB9
28.5
0x27
–44.5
0x58
–20.0
0x89
4.5
0xBA
29.0
0x28
–44.0
0x59
–19.5
0x8A
5.0
0xBB
29.5
0x29
–43.5
0x5A
–19.0
0x8B
5.5
0xBC
30.0
0x2A
–43.0
0x5B
–18.5
0x8C
6.0
0xBD
30.5
0x2B
–42.5
0x5C
–18.0
0x8D
6.5
0xBE
31.0
0x2C
–42.0
0x5D
–17.5
0x8E
7.0
0xBF
31.5
0x2D
–41.5
0x5E
–17.0
0x8F
7.5
0xC0–0xFF
Reserved
0x2E
–41.0
0x5F
–16.5
0x90
8.0
0x2F
–40.5
0x60
–16.0
0x91
8.5
0x30
–40.0
0x61
–15.5
0x92
9.0
Table 4-6. DMIC Interface Pull-Down Control
Register Address
Bit
Label
Default
Description
R840 (0x0348)
Dig_Mic_Pad_Ctrl
1
DMICDAT2_PD
0
DMICDAT2 Pull-Down Control
0 = Disabled
1 = Enabled
0
DMICDAT1_PD
0
DMICDAT1 Pull-Down Control
0 = Disabled
1 = Enabled
Table 4-5. Input Signal Path Digital Volume Range (Cont.)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com