Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 8Page - Cirrus Logic CS47L63 Datasheet HTML 9Page - Cirrus Logic CS47L63 Datasheet HTML 10Page - Cirrus Logic CS47L63 Datasheet HTML 11Page - Cirrus Logic CS47L63 Datasheet HTML 12Page - Cirrus Logic CS47L63 Datasheet HTML 13Page - Cirrus Logic CS47L63 Datasheet HTML 14Page - Cirrus Logic CS47L63 Datasheet HTML 15Page - Cirrus Logic CS47L63 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 300 page
background image
12
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-7. Digital Input Signal Level—DMICDAT1, DMICDAT2
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Max
Units
Full-scale input signal level (0 dBFS output)
0 dB gain
—
–6
—
dBFS
Note: The DMIC input signal level is measured in dBFS, where 0 dBFS is a signal level equal to the full-scale range (FSR) of the PDM input.
The FSR is defined as the amplitude of a 1-kHz sine wave whose positive and negative peaks are represented by the maximum and
minimum digital codes respectively—this is the largest 1-kHz sine wave that can fit in the digital output range without clipping.
Table 3-8. Output Characteristics
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Max
Units
Line/headphone/earpiece
output driver (HPOUTL,
HPOUTR)
Load resistance
Normal operation, Single-Ended Mode
Normal operation, Differential (BTL) Mode
Device survival with load applied indefinitely
6
15
0
—
—
—
—
—
—
Load capacitance
Single-Ended Mode
Differential (BTL) Mode
—
—
—
—
500
200
pF
pF
Earpiece output driver
(EPOUT)
Load resistance
Normal operation
Device survival with load applied
indefinitely
15
0
—
—
—
—
Load capacitance
—
—
200
pF
Speaker output driver
(SPKOUTP+SPKOUTN)
Load resistance
Normal operation
Device survival with load applied
indefinitely
4
0
—
—
—
—
Load capacitance
—
—
200
pF
Digital speaker output
(SPKDAT)
Full-scale output level 1
1.The digital output signal level is measured in dBFS, where 0 dBFS is a signal level equal to the full-scale range (FSR) of the PDM output.
The FSR is defined as the amplitude of a 1-kHz sine wave whose positive and negative peaks are represented by the maximum and
minimum digital codes respectively—this is the largest 1-kHz sine wave that can fit in the digital output range without clipping.
0 dBFS digital core output, 0 dB gain
—
–6
—
dBFS
Table 3-9. Input/Output Path Characteristics
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = 2.5 V
(powered from internal LDO); SPKVDD = 4.2 V; TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min Typ Max Units
Line/headphone/earpiece output
driver (HPOUTL, HPOUTR)
DC offset at Load
Single-ended mode —
50
—
V
Differential (BTL) mode —
75
—
V
Earpiece output driver
(EPOUT+EPOUTN)
DC offset at Load
—
75
—
V
Speaker output driver
(SPKOUTP+SPKOUTN)
DC offset at Load
—
300
—
V
SPKVDD leakage current
—
1
—
A
Analog input paths (INnL, INnR)
to ADC (Differential Input Mode)
SNR (A-weighted), defined in Table 3-1
48 kHz sample rate
16 kHz sample rate (wideband voice)
91
—
101
105
—
—
dB
dB
THD, defined in Table 3-1
–1 dBV input —
–87
—
dB
THD+N, defined in Table 3-1
–1 dBV input —
–86 –76
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Input-referred noise floor
A-weighted, PGA gain = +20 dB —
3.2
—
VRMS
CMRR, defined in Table 3-1
PGA gain = +30 dB
PGA gain = 0 dB
—
—
80
70
—
—
dB
dB
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
90
75
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
95
90
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
95
—
—
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com