Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 88Page - Cirrus Logic CS47L63 Datasheet HTML 89Page - Cirrus Logic CS47L63 Datasheet HTML 90Page - Cirrus Logic CS47L63 Datasheet HTML 91Page - Cirrus Logic CS47L63 Datasheet HTML 92Page - Cirrus Logic CS47L63 Datasheet HTML 93Page - Cirrus Logic CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic CS47L63 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 300 page
background image
92
DS1085F3
CS47L35
4.5 DSP Peripheral Control
R262406 (0x40106)
MIF1_CONFIG_4
20:0 MIF1_TX_
LENGTH[20:0]
0x00_
0000
Selects the total number of data bytes in an I2C Write operation.
0x00_0000 = 1 byte
0x00_0001 = 2 bytes
0x00_0002 = 3 bytes
…
0x1F_FFFF = 2,097,152 bytes
R262416 (0x40110)
MIF1_CONFIG_5
20:0 MIF1_RX_
LENGTH[20:0]
0x00_
0000
Selects the total number of data bytes in an I2C Read operation.
0x00_0000 = 1 byte
0x00_0001 = 2 bytes
0x00_0002 = 3 bytes
…
0x1F_FFFF = 2,097,152 bytes
R262418 (0x40112)
MIF1_CONFIG_6
7:0 MIF1_TX_BLOCK_
LENGTH[7:0]
0x10
Selects the interval at which the MIF1_BLOCK Interrupt is triggered
during I2C Write operations.
0x00 = 1 byte
0x01 = 1 byte
0x02 = 2 bytes
…
0x10 = 16 bytes
All other codes are reserved
R262420 (0x40114)
MIF1_CONFIG_7
7:0 MIF1_RX_BLOCK_
LENGTH[7:0]
0x10
Selects the interval at which the MIF1_BLOCK Interrupt is triggered
during I2C Read operations.
0x00 = 1 byte
0x01 = 1 byte
0x02 = 2 bytes
…
0x10 = 16 bytes
All other codes are reserved
R262422 (0x40116)
MIF1_CONFIG_8
4
MIF1_RX_DONE
0
RX Buffer access control bit. Write 1 to indicate that data in the RX
Buffer has been read.
In normal operation, a 1 is written after reading the RX buffer. This
causes the MIF1_RX_REQUEST bit to be cleared. (Note that, if further
data is available to read, the MIF1_RX_REQUEST bit remains set in this
case.)
0
MIF1_TX_DONE
0
TX Buffer access control bit. Write 1 to indicate the TX Buffer has been
filled with data for transmission.
In normal operation, a 1 is written after writing the TX buffer. This causes
the MIF1_TX_REQUEST bit to be cleared.
R262528 (0x40180)
MIF1_STATUS_1
8
MIF1_BUSY_STS
0
MIF Busy Status.
This bit, when set, indicates that the master interface is executing an I2C
transaction.
8
MIF1_RX_REQUEST
0
RX Buffer flow control bit
0 = No data available to read
1 = Buffer data is available to read
1
MIF1_TX_REQUEST
0
TX Buffer flow control bit
0 = TX buffer not available to write
1 = TX buffer is available to write
R262530 (0x40182)
MIF1_STATUS_2
20:0 MIF1_BYTE_
COUNT[20:0]
0x00_
0000
Number of data bytes transferred in current transaction.
Note that this field is cleared on completion of the I2C transaction.
R262656 (0x40200)
MIF1_TX_1
31:24 MIF1_TX_BYTE4[7:0]
0x00
TX Byte 4
23:16 MIF1_TX_BYTE3[7:0]
0x00
TX Byte 3
15:8 MIF1_TX_BYTE2[7:0]
0x00
TX Byte 2
7:0 MIF1_TX_BYTE1[7:0]
0x00
TX Byte 1
R262658 (0x40202)
MIF1_TX_2
31:24 MIF1_TX_BYTE8[7:0]
0x00
TX Byte 8
23:16 MIF1_TX_BYTE7[7:0]
0x00
TX Byte 7
15:8 MIF1_TX_BYTE6[7:0]
0x00
TX Byte 6
7:0 MIF1_TX_BYTE5[7:0]
0x00
TX Byte 5
Table 4-30. Master Interface (MIF1) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com