Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 82Page - Cirrus Logic CS47L63 Datasheet HTML 83Page - Cirrus Logic CS47L63 Datasheet HTML 84Page - Cirrus Logic CS47L63 Datasheet HTML 85Page - Cirrus Logic CS47L63 Datasheet HTML 86Page - Cirrus Logic CS47L63 Datasheet HTML 87Page - Cirrus Logic CS47L63 Datasheet HTML 88Page - Cirrus Logic CS47L63 Datasheet HTML 89Page - Cirrus Logic CS47L63 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 300 page
background image
86
DS1085F3
CS47L35
4.4 DSP Firmware Control
4.4.4
DSP Interrupts
The DSP cores provide inputs to the interrupt circuit and can be used to trigger an interrupt event when the associated
conditions occur. For each DSP, the following interrupts are provided:
• DMA interrupt—Asserted when all enabled DSP input (WDMA) channel buffers have been filled, and all enabled
DSP output (RDMA) channel buffers have been emptied
• DSP Start 1, DSP Start 2 interrupts—Asserted when the respective start signal is triggered
• DSP Busy interrupt—Asserted when the DSP is busy (i.e., when firmware execution or DMA processes are started)
The CS47L35 also provides 16 control bits that allow the DSP cores to generate programmable interrupt events. When a
1 is written to these bits (see Table 4-27), the respective DSP interrupt (DSP_IRQn_EINTx) is triggered. The associated
interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal.
See Section 4.15 for further details.
Base address +0x24
DSPn_RDMA_Buffer_3
31:16 DSPn_START_ADDRESS_
RDMA_BUFFER_5[15:0]
0x0000
DSPn RDMA Channel 5 Start Address
Field description is as above.
15:0 DSPn_START_ADDRESS_
RDMA_BUFFER_4[15:0]
0x0000
DSPn RDMA Channel 4 Start Address
Field description is as above.
Base address +0x30
DSPn_DMA_Config_1
23:16 DSPn_WDMA_CHANNEL_
ENABLE[7:0]
0x00
DSPn WDMA Channel Enable
There are eight WDMA channels; each bit of this field enables
the respective WDMA channel.
Each bit is coded as follows:
0 = Disabled
1 = Enabled
13:0 DSPn_DMA_BUFFER_
LENGTH[13:0]
0x0000
DSPn DMA Buffer Length
Selects the amount of data transferred in each DMA channel.
The LSB represents one 24-bit DSP memory word.
Base address +0x32
DSPn_DMA_Config_2
7:0
DSPn_WDMA_CHANNEL_
OFFSET[7:0]
0x00
DSPn WDMA Channel Offset
There are eight WDMA channels; each bit of this field offsets the
start Address of the respective WDMA channel.
Each bit is coded as follows:
0 = No offset
1 = Offset by 0x8000
Base address +0x34
DSPn_DMA_Config_3
21:16 DSPn_RDMA_CHANNEL_
OFFSET[5:0]
0x00
DSPn RDMA Channel Offset
There are six RDMA channels; each bit of this field offsets the
start Address of the respective RDMA channel.
Each bit is coded as follows:
0 = No offset
1 = Offset by 0x8000
5:0
DSPn_RDMA_CHANNEL_
ENABLE[5:0]
0x00
DSPn RDMA Channel Enable
There are six RDMA channels; each bit of this field enables the
respective RDMA channel.
Each bit is coded as follows:
0 = Disabled
1 = Enabled
Base address +0x36
DSPn_DMA_Config_4
0DSPn_DMA_WORD_SEL
0
DSPn Data Word Format
0 = Q3.20 format (4 integer bits, 20 fractional bits)
1 = Q0.23 format (1 integer bit, 23 fractional bits)
The data word format should be set according to the
requirements of the applicable DSP firmware.
Table 4-26. DMA Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com