Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 3Page - Cirrus Logic CS47L63 Datasheet HTML 4Page - Cirrus Logic CS47L63 Datasheet HTML 5Page - Cirrus Logic CS47L63 Datasheet HTML 6Page - Cirrus Logic CS47L63 Datasheet HTML 7Page - Cirrus Logic CS47L63 Datasheet HTML 8Page - Cirrus Logic CS47L63 Datasheet HTML 9Page - Cirrus Logic CS47L63 Datasheet HTML 10Page - Cirrus Logic CS47L63 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 300 page
background image
7
DS1085F3
CS47L35
1.2 Pin Descriptions
CIF2SDA
N11
DBVDD1
I/O
Control interface 2 (I2C) data input and output. The SDA output is
open drain.
IRQ
J9
DBVDD1
O
Interrupt request output (default is active low). The pin configuration
is selectable CMOS or open drain.
MCLK1
M12
DBVDD1
I
Master clock 1
MCLK2
T6
DBVDD2
I
Master clock 2
MIF1SCLK/GPIO16
T8
DBVDD1
I/O
Master (I2C) Interface 1 clock output/GPIO. GPIO output is
selectable CMOS or open drain; SCLK output is open drain.
MIF1SDA/GPIO7
P8
DBVDD1
I/O
Master (I2C) Interface 1 data input and output/GPIO. GPIO output is
selectable CMOS or open drain; SDA output is open drain.
RESET
H8
DBVDD1
I
Digital reset input (active low)
SLIMCLK
R9
DBVDD1
I/O
SLIMbus clock I/O
SLIMDAT
N9
DBVDD1
I/O
SLIMbus data I/O
SPKCLK/GPIO6
M2
DBVDD2
I/O
Digital speaker (PDM) 1 clock output/GPIO. GPIO output is
selectable CMOS or open drain; SPKCLK output is CMOS.
SPKDAT/GPIO5
N3
DBVDD2
I/O
Digital speaker (PDM) 1 data output/GPIO. GPIO output is selectable
CMOS or open drain; SPKDAT output is CMOS.
TCK
R7
DBVDD2
I
JTAG clock input. Internal pull-down holds this pin at Logic 0 for
normal operation.
TDI
N7
DBVDD2
I
JTAG data input. Internal pull-down holds this pin at Logic 0 for
normal operation.
TDO
L7
DBVDD2
O
JTAG data output
TMS
K8
DBVDD2
I
JTAG mode select input. Internal pull-down holds this pin at Logic 0
for normal operation.
TRST
M8
DBVDD2
I
JTAG test access port reset (active low). Internal pull-down holds this
pin at Logic 0 for normal operation.
Supply
AGND1
L1
—
—
Analog ground (return path for AVDD1)
AGND2
E9, G11
—
—
Analog ground (return path for AVDD2)
AVDD1
K2
—
—
Analog supply
AVDD2
F12
—
—
Analog supply
CPGND
B6
—
—
Charge pump ground (return path for CPVDD1, CPVDD2)
CPVDD1
A5
—
—
Supply for Charge Pump 1 and Charge Pump 2
CPVDD2
C7
—
—
Secondary supply for Charge Pump 1
DBVDD1
U11
—
—
Digital buffer (I/O) supply
(core functions, AIF1, CIF1, CIF2, SLIMbus, MIF1)
DBVDD2
U5
—
—
Digital buffer (I/O) supply
(AIF2, AIF3, PDM, MCLK2, JTAG)
Table 1-1. Pin Descriptions (Cont.)
Name
Ball #
Power
Supply
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com