Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 95 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 95 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 91Page - Cirrus Logic CS47L63 Datasheet HTML 92Page - Cirrus Logic CS47L63 Datasheet HTML 93Page - Cirrus Logic CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic CS47L63 Datasheet HTML 96Page - Cirrus Logic CS47L63 Datasheet HTML 97Page - Cirrus Logic CS47L63 Datasheet HTML 98Page - Cirrus Logic CS47L63 Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 300 page
background image
DS1085F3
95
CS47L35
4.5 DSP Peripheral Control
4.5.2.5 Status Bits
The EVENTLOGn_NOT_EMPTY bit indicates whether the FIFO buffer is empty. When this bit is set, it indicates one or
more new sets of data in the FIFO.
The EVENTLOGn_WMARK_STS bit indicates when the number of FIFO index locations available for new events reaches
a configurable threshold, known as the watermark level. The watermark level is held in the EVENTLOGn_FIFO_WMARK
field.
The EVENTLOGn_FULL bit indicates when the FIFO buffer is full. When this bit is set, it indicates that there are 16 sets
of new event data in the FIFO. Note that this does not mean that a buffer overflow condition has occurred, but further
events are not logged or indicated until the buffer has been cleared.
Note: Following a buffer full condition, the FIFO operation resumes as soon as the RPTR field has been updated to a
new value. Writing the same value to RPTR does not restart the FIFO operation, even if the entire buffer contents
have been read. After all of the required data has been read from the buffer, the RPTR value should be set equal
to the WPTR value; an intermediate (different) value must also be written to the RPTR field in order to clear the
buffer full status and restart the FIFO operation.
4.5.2.6 Interrupts, GPIO, Write Sequencer, and DSP Firmware Control
The control-write sequencer is automatically triggered whenever the NOT_EMPTY status of the event log buffer is
asserted. A different control sequence may be configured for each event logger; see Section 4.18 for further details.
The event log status flags are inputs to the interrupt control circuit and can be used to trigger an interrupt event when the
respective FIFO condition (full, not empty, or watermark level) occurs; see Section 4.15.
The event log status can be output directly on a GPIO pin as an external indication of the event logger; see Section 4.14
to configure a GPIO pin for this function.
The event log NOT_EMPTY status can also be selected as a start trigger for DSP firmware execution; see Section 4.4.
4.5.2.7 Event Logger Control Registers
The event logger control registers are described in Table 4-31.
Table 4-31. Event Logger (EVENTLOGn) Control
Register Address
Bit
Label
Default
Description
Event Log 1 Base Address = R294912 (0x4_8000)
Event Log 2 Base Address = R295424 (0x4_8200)
Event Log 3 Base Address = R295936 (0x4_8400)
Event Log 4 Base Address = R296448 (0x4_8600)
base address
EVENTLOGn_CONTROL
1EVENTLOGn_RST
0
Event Log Reset
Write 1 to reset the status outputs and clear the FIFO buffer.
0EVENTLOGn_ENA
0
Event Log Enable
0 = Disabled
1 = Enabled
Base address +0x04
EVENTLOGn_TIMER_SEL
1:0 EVENTLOGn_TIMER_
SEL[1:0]
00
Event Log Timer Source Select
00 = Timer 1
01 = Timer 2
10 = Timer 3
11 = Timer 4
Note that the event log must be disabled when updating this
field
Base address +0x0C
EVENTLOGn_FIFO_
CONTROL1
3:0 EVENTLOGn_FIFO_
WMARK[3:0]
0x1
Event Log FIFO Watermark. The watermark status output is
asserted when the number of FIFO locations available for new
events is less than or equal to the FIFO watermark.
Valid from 0 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com