Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 93Page - Cirrus Logic CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic CS47L63 Datasheet HTML 96Page - Cirrus Logic CS47L63 Datasheet HTML 97Page - Cirrus Logic CS47L63 Datasheet HTML 98Page - Cirrus Logic CS47L63 Datasheet HTML 99Page - Cirrus Logic CS47L63 Datasheet HTML 100Page - Cirrus Logic CS47L63 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 300 page
background image
DS1085F3
97
CS47L35
4.5 DSP Peripheral Control
Base address +0x42
EVENTLOGn_CH2_DEFINE
15
EVENTLOGn_CH2_DB
0
Event Log Channel 2 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH2_POL
0
Event Log Channel 2 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH2_SEL[8:0]
0x000 Event Log Channel 2 source 1
Field description is as above.
Base address +0x44
EVENTLOGn_CH3_DEFINE
15
EVENTLOGn_CH3_DB
0
Event Log Channel 3 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH3_POL
0
Event Log Channel 3 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH3_SEL[8:0]
0x000 Event Log Channel 3 source 1
Field description is as above.
Base address +0x46
EVENTLOGn_CH4_DEFINE
15
EVENTLOGn_CH4_DB
0
Event Log Channel 4 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH4_POL
0
Event Log Channel 4 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH4_SEL[8:0]
0x000 Event Log Channel 4 source 1
Field description is as above.
Base address +0x48
EVENTLOGn_CH5_DEFINE
15
EVENTLOGn_CH5_DB
0
Event Log Channel 5 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH5_POL
0
Event Log Channel 5 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH5_SEL[8:0]
0x000 Event Log Channel 5 source 1
Field description is as above.
Base address +0x4A
EVENTLOGn_CH6_DEFINE
15
EVENTLOGn_CH6_DB
0
Event Log Channel 6 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH6_POL
0
Event Log Channel 6 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH6_SEL[8:0]
0x000 Event Log Channel 6 source 1
Field description is as above.
Base address +0x4C
EVENTLOGn_CH7_DEFINE
15
EVENTLOGn_CH7_DB
0
Event Log Channel 7 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH7_POL
0
Event Log Channel 7 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH7_SEL[8:0]
0x000 Event Log Channel 7 source 1
Field description is as above.
Base address +0x4E
EVENTLOGn_CH8_DEFINE
15
EVENTLOGn_CH8_DB
0
Event Log Channel 8 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH8_POL
0
Event Log Channel 8 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH8_SEL[8:0]
0x000 Event Log Channel 8 source 1
Field description is as above.
Table 4-31. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com