Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 52Page - Cirrus Logic CS47L63 Datasheet HTML 53Page - Cirrus Logic CS47L63 Datasheet HTML 54Page - Cirrus Logic CS47L63 Datasheet HTML 55Page - Cirrus Logic CS47L63 Datasheet HTML 56Page - Cirrus Logic CS47L63 Datasheet HTML 57Page - Cirrus Logic CS47L63 Datasheet HTML 58Page - Cirrus Logic CS47L63 Datasheet HTML 59Page - Cirrus Logic CS47L63 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 300 page
background image
56
DS1085F3
CS47L35
4.3 Digital Core
R3713 (0x0E81)
DRC1_ctrl2
12:9 DRC1_ATK[3:0]
0100 DRC1 Gain attack rate (seconds/6 dB)
0000 = Reserved
0001 = 181
s
0010 = 363
s
0011 = 726
s
0100 = 1.45 ms
0101 = 2.9 ms
0110 = 5.8 ms
0111 = 11.6 ms
1000 = 23.2 ms
1001 = 46.4 ms
1010 = 92.8 ms
1011 = 185.6 ms
1100 to 1111 = Reserved
8:5 DRC1_DCY[3:0]
1001 DRC1 Gain decay rate (seconds/6 dB)
0000 = 1.45 ms
0001 = 2.9 ms
0010 = 5.8 ms
0011 = 11.6 ms
0100 = 23.25 ms
0101 = 46.5 ms
0110 = 93 ms
0111 = 186 ms
1000 = 372 ms
1001 = 743 ms
1010 = 1.49 s
1011 = 2.97 s
1100 to 1111 = Reserved
4:2 DRC1_
MINGAIN[2:0]
100
DRC1 Minimum gain to attenuate audio signals
000 = 0 dB
001 = –12 dB
010 = –18 dB
011 = –24 dB
100 = –36 dB
101 = Reserved
11X = Reserved
1:0 DRC1_
MAXGAIN[1:0]
11
DRC1 Maximum gain to boost audio signals (dB)
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 36 dB
R3714 (0x0E82)
DRC1_ctrl3
15:12 DRC1_NG_
MINGAIN[3:0]
0000 DRC1 Minimum gain to attenuate audio signals when the Noise Gate is active.
0000 = –36 dB
0001 = –30 dB
0010 = –24 dB
0011 = –18 dB
0100 = –12 dB
0101 = –6 dB
0110 = 0 dB
0111 = 6 dB
1000 = 12 dB
1001 = 18 dB
1010 = 24 dB
1011 = 30 dB
1100 = 36 dB
1101 to 1111 = Reserved
11:10 DRC1_NG_
EXP[1:0]
00
DRC1 Noise-Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
9:8 DRC1_QR_
THR[1:0]
00
DRC1 Quick-release threshold (crest factor in dB)
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 30 dB
7:6 DRC1_QR_
DCY[1:0]
00
DRC1 Quick-release decay rate (seconds/6 dB)
00 = 0.725 ms
01 = 1.45 ms
10 = 5.8 ms
11 = Reserved
5:3 DRC1_HI_
COMP[2:0]
011
DRC1 Compressor slope (upper region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
2:0 DRC1_LO_
COMP[2:0]
000
DRC1 Compressor slope (lower region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
R3715 (0x0E83)
DRC1_ctrl4
10:5 DRC1_KNEE_
IP[5:0]
0x00 DRC1 Input signal level at the compressor knee.
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75-dB steps)
0x3C = –45 dB
0x3D–-0x3F = Reserved
4:0 DRC1_KNEE_
OP[4:0]
0x00 DRC1 Output signal at the compressor knee.
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75 dB steps)
0x1E = –22.5 dB
0x1F = Reserved
R3716 (0x0E84)
DRC1_ctrl5
9:5 DRC1_KNEE2_
IP[4:0]
0x00 DRC1 Input signal level at the noise-gate threshold Knee 2.
0x00 = –36 dB
0x01 = –37.5 dB
0x02 = –39 dB
… (-1.5-dB steps)
0x1E = –81 dB
0x1F = –82.5 dB
Applicable if DRC1_NG_ENA = 1.
4:0 DRC1_KNEE2_
OP[4:0]
0x00 DRC1 Output signal at the noise-gate threshold Knee 2.
0x00 = –30 dB
0x01 = –31.5 dB
0x02 = –33 dB
… (–1.5dB steps)
0x1E = –75 dB
0x1F = –76.5 dB
Applicable only if DRC1_KNEE2_OP_ENA = 1.
Table 4-13. DRC1 Control Registers (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com