Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 16Page - Cirrus Logic CS47L63 Datasheet HTML 17Page - Cirrus Logic CS47L63 Datasheet HTML 18Page - Cirrus Logic CS47L63 Datasheet HTML 19Page - Cirrus Logic CS47L63 Datasheet HTML 20Page - Cirrus Logic CS47L63 Datasheet HTML 21Page - Cirrus Logic CS47L63 Datasheet HTML 22Page - Cirrus Logic CS47L63 Datasheet HTML 23Page - Cirrus Logic CS47L63 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 300 page
background image
20
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-17. Digital Audio Interface—Slave Mode
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
Parameter 1,2
1.Digital audio interface timing—Slave Mode. Note that BCLK and LRCLK inputs can
be inverted if required; the figure shows the default, noninverted polarity.
2.If AIFnBCLK or AIFnLRCLK is selected as a source for SYSCLK (either directly or via the FLL), the frequency must be within 1% of the SYSCLK_
FREQ setting.
Symbol Min Typ Max Units
AIFnBCLK cycle time
tBCY
40
—
—
ns
AIFnBCLK pulse width high
BCLK as direct SYSCLK source
All other conditions
tBCH
tBCH
16
14
—
—
—
—
ns
ns
AIFnBCLK pulse width low
BCLK as direct SYSCLK source
All other conditions
tBCL
tBCL
16
14
—
—
—
—
ns
ns
CLOAD = 15 pF (output pins),
BCLK slew (10%–90%) = 3 ns
AIFnLRCLK set-up time to BCLK rising edge
tLRSU
7—
—
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0—
—
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0— 12.2
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2—
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0—
ns
Master LRCLK, AIFnLRCLK propagation delay from BCLK falling edge
tLRD
—— 14.8
ns
CLOAD = 25 pF (output pins),
BCLK slew (10%–90%) = 6 ns
AIFnLRCLK set-up time to BCLK rising edge
tLRSU
7—
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0—
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0— 14.2
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2—
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0—
ns
Master LRCLK, AIFnLRCLK propagation delay from BCLK falling edge
tLRD
—— 15.9
ns
Note: The descriptions above assume noninverted polarity of AIFnBCLK.
Table 3-18. Digital Audio Interface Timing—TDM Mode
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
Parameter 1
1.Digital audio interface timing—TDM Mode.
The timing of the AIFnTXDAT tristating at the
start and end of the data transmission is
shown.
Min
Typ
Max
Units
Master Mode—CLOAD (AIFnTXDAT) = 15 to
25 pF. BCLK slew (10%–90%) = 3.7ns to 5.6 ns.
AIFnTXDAT enable time from BCLK falling edge
0
—
—
ns
AIFnTXDAT disable time from BCLK falling edge
—
—
6
ns
Slave Mode—CLOAD (AIFnTXDAT) = 15 pF).
BCLK slew (10%–90%) = 3 ns
AIFnTXDAT enable time from BCLK falling edge
2
—
—
ns
AIFnTXDAT disable time from BCLK falling edge
—
—
12.2
ns
Slave Mode—CLOAD (AIFnTXDAT) = 25 pF).
BCLK slew (10%–90%) = 6 ns
AIFnTXDAT enable time from BCLK falling edge
2
—
—
ns
AIFnTXDAT disable time from BCLK falling edge
—
—
14.2
ns
Note: If TDM operation is used on the AIFnTXDAT pins, it is important that two devices do not attempt to drive the AIFnTXDAT pin
simultaneously. To support this requirement, the AIFnTXDAT pins can be configured to be tristated when not outputting data.
BCLK
(input)
LRCLK
(input)
TXDAT
(output)
RXDAT
(input)
tDSU
tDD
tDH
tLRH
tLRSU
tBCH
tBCL
tBCY
BCLK
TXDAT
AIFnTXDAT enable time
AIFnTXDAT disable time
AIFnTXDAT undriven(tristate)
AIFnTXDAT valid (codec output)
AIFnTXDAT valid
AIFnTXDAT undriven(tristate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com