Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 33Page - Cirrus Logic CS47L63 Datasheet HTML 34Page - Cirrus Logic CS47L63 Datasheet HTML 35Page - Cirrus Logic CS47L63 Datasheet HTML 36Page - Cirrus Logic CS47L63 Datasheet HTML 37Page - Cirrus Logic CS47L63 Datasheet HTML 38Page - Cirrus Logic CS47L63 Datasheet HTML 39Page - Cirrus Logic CS47L63 Datasheet HTML 40Page - Cirrus Logic CS47L63 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 300 page
background image
DS1085F3
37
CS47L35
4.2 Input Signal Path
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or unmute), the rate is controlled by IN_VI_RAMP. For decreasing gain (or mute),
the rate is controlled by IN_VD_RAMP.
Note: The IN_VI_RAMP and IN_VD_RAMP fields should not be changed while a volume ramp is in progress.
The IN_VU bits control the loading of the input signal path digital volume and mute controls. When IN_VU is cleared, the
digital volume and mute settings are loaded into the respective control register, but do not change the signal path gain.
The digital volume and mute settings on all of the input signal paths are updated when a 1 is written to IN_VU. This makes
it possible to update the gain of multiple signal paths simultaneously.
Note that, although the digital-volume controls provide 0.5-dB steps, the internal circuits provide signal gain adjustment in
0.125-dB steps. This allows a very high degree of gain control and smooth volume ramping under all operating conditions.
Note: The 0 dBFS level of the IN1/IN2 digital input paths is not equal to the 0 dBFS level of the CS47L35 digital core.
The maximum digital input signal level is –6 dBFS (see Table 3-7). Under 0 dB gain conditions, a –6 dBFS input
signal corresponds to a 0 dBFS input to the CS47L35 digital core functions.
The digital volume control registers are described in Table 4-4 and Table 4-5.
Table 4-4. Input Signal Path Digital Volume Control
Register Address
Bit
Label
Default
Description
R777 (0x0309)
Input_Volume_
Ramp
6:4
IN_VD_RAMP[2:0]
010
Input Volume Decreasing Ramp Rate (seconds/6 dB)
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
2:0
IN_VI_RAMP[2:0]
010
Input Volume Increasing Ramp Rate (seconds/6 dB)
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
R785 (0x0311)
ADC_Digital_
Volume_1L
9
IN_VU
See
Footnote 1
Input Signal Paths Volume and Mute Update. Writing 1 to this bit causes the Input
Signal Paths Volume and Mute settings to be updated simultaneously
8
IN1L_MUTE
1
Input Path 1 (Left) Digital Mute
0 = Unmute
1 = Mute
7:0
IN1L_VOL[7:0]
0x80
Input Path 1 (Left) Digital Volume (see Table 4-5 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R789 (0x0315)
ADC_Digital_
Volume_1R
9
IN_VU
See
Footnote 1
Input Signal Paths Volume and Mute Update. Writing 1 to this bit causes the Input
Signal Paths Volume and Mute settings to be updated simultaneously
8
IN1R_MUTE
1
Input Path 1 (Right) Digital Mute
0 = Unmute
1 = Mute
7:0
IN1R_VOL[7:0]
0x80
Input Path 1 (Right) Digital Volume (see Table 4-5 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com