Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 98 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic CS47L63 Datasheet HTML 96Page - Cirrus Logic CS47L63 Datasheet HTML 97Page - Cirrus Logic CS47L63 Datasheet HTML 98Page - Cirrus Logic CS47L63 Datasheet HTML 99Page - Cirrus Logic CS47L63 Datasheet HTML 100Page - Cirrus Logic CS47L63 Datasheet HTML 101Page - Cirrus Logic CS47L63 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 300 page
background image
98
DS1085F3
CS47L35
4.5 DSP Peripheral Control
Base address +0x50
EVENTLOGn_CH9_DEFINE
15
EVENTLOGn_CH9_DB
0
Event Log Channel 9 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH9_POL
0
Event Log Channel 9 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH9_SEL[8:0]
0x000 Event Log Channel 9 source 1
Field description is as above.
Base address +0x52
EVENTLOGn_CH10_
DEFINE
15
EVENTLOGn_CH10_DB
0
Event Log Channel 10 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH10_POL
0
Event Log Channel 10 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH10_SEL[8:0] 0x000 Event Log Channel 10 source 1
Field description is as above.
Base address +0x54
EVENTLOGn_CH11_
DEFINE
15
EVENTLOGn_CH11_DB
0
Event Log Channel 11 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH11_POL
0
Event Log Channel 11 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH11_SEL[8:0] 0x000 Event Log Channel 11 source 1
Field description is as above.
Base address +0x56
EVENTLOGn_CH12_
DEFINE
15
EVENTLOGn_CH12_DB
0
Event Log Channel 12 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH12_POL
0
Event Log Channel 12 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH12_SEL[8:0] 0x000 Event Log Channel 12 source 1
Field description is as above.
Base address +0x58
EVENTLOGn_CH13_
DEFINE
15
EVENTLOGn_CH13_DB
0
Event Log Channel 13 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH13_POL
0
Event Log Channel 13 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH13_SEL[8:0] 0x000 Event Log Channel 13 source 1
Field description is as above.
Base address +0x5A
EVENTLOGn_CH14_
DEFINE
15
EVENTLOGn_CH14_DB
0
Event Log Channel 14 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH14_POL
0
Event Log Channel 14 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH14_SEL[8:0] 0x000 Event Log Channel 14 source 1
Field description is as above.
Base address +0x5C
EVENTLOGn_CH15_
DEFINE
15
EVENTLOGn_CH15x_DB
0
Event Log Channel 15 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH15_POL
0
Event Log Channel 15 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH15_SEL[8:0] 0x000 Event Log Channel 15 source 1
Field description is as above.
Table 4-31. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com