Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 32Page - Cirrus Logic CS47L63 Datasheet HTML 33Page - Cirrus Logic CS47L63 Datasheet HTML 34Page - Cirrus Logic CS47L63 Datasheet HTML 35Page - Cirrus Logic CS47L63 Datasheet HTML 36Page - Cirrus Logic CS47L63 Datasheet HTML 37Page - Cirrus Logic CS47L63 Datasheet HTML 38Page - Cirrus Logic CS47L63 Datasheet HTML 39Page - Cirrus Logic CS47L63 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 300 page
background image
36
DS1085F3
CS47L35
4.2 Input Signal Path
4.2.7
Input Signal Path Digital Volume Control
A digital volume control is provided on each input signal path, providing –64 dB to +31.5 dB gain control in 0.5-dB steps.
An independent mute control is also provided for each input signal path.
R788 (0x0314)
IN1R_Control
15
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled
7:1 IN1R_PGA_
VOL[6:0]
0x40 Input Path 1 (Right) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R789 (0x0315)
ADC_Digital_
Volume_1R
14:13 IN1R_
SRC[1:0]
00
Input Path 1 (Right) Source
00 = Differential (IN1ARP–IN1ARN)
01 = Single-ended (IN1ARP)
10 = Differential (IN1BRP–IN1BRN)
11 = Single-ended (IN1BRP)
R790 (0x0316)
DMIC1R_Control
5:0 IN1R_
DMIC_
DLY[5:0]
0x00 Input Path 1 (Right) Digital Delay (applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)
R792 (0x0318)
IN2L_Control
15
IN2L_HPF
0
Input Path 2 (Left) HPF Enable
0 = Disabled
1 = Enabled
12:11 IN2_DMIC_
SUP[1:0]
00
Input Path 2 DMIC Reference Select (sets the DMICDAT2 and DMICCLK2 logic levels)
00 = MICVDD
01 = MICBIAS1B
10 = MICBIAS2A
11 = MICBIAS2B
10
IN2_MODE
00
Input Path 2 Mode
0 = Analog input
1 = Digital input
7:1 IN2L_PGA_
VOL[6:0]
0x40 Input Path 2 (Left) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R793 (0x0319)
ADC_Digital_
Volume_2L
14:13 IN2L_
SRC[1:0]
00
Input Path 2 (Left) Source
00 = Differential (IN2LP–IN2LN)
01 = Single-ended (IN2LP)
10 = Reserved
11 = Reserved
R794 (0x031A)
DMIC2L_Control
10:8 IN2_
OSR[2:0]
101
Input Path 2 DMIC Oversample Rate (applicable to digital inputs only).
000 = Reserved
001 = Reserved
010 = 384 kHz
011 = 768 kHz
100 = 1.536 MHz
101 = 3.072 MHz
110 = 6.144 MHz
111 = Reserved
If IN2_OSR=010 or 011, the maximum Input Path sample rate (all input paths) is 48 kHz or
96 kHz respectively.
5:0 IN2L_
DMIC_
DLY[5:0]
0x00 Input Path 2 (Left) Digital Delay (applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN2_OSR.)
R796 (0x031C)
IN2R_Control
15
IN2R_HPF
0
Input Path 2 (Right) HPF Enable
0 = Disabled
1 = Enabled
7:1 IN2R_PGA_
VOL[6:0]
0x40 Input Path 2 (Right) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R797 (0x0319)
ADC_Digital_
Volume_2R
14:13 IN2R_
SRC[1:0]
00
Input Path 2 (Right) Source
00 = Differential (IN2RP–IN2RN)
01 = Single-ended (IN2ARP)
10 = Reserved
11 = Reserved
R798 (0x031E)
DMIC2R_Control
5:0 IN2R_
DMIC_
DLY[5:0]
0x00 Input Path 2 (Right) Digital Delay (applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN2_OSR.)
Table 4-3. Input Signal Path Configuration (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com