Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 21Page - Cirrus Logic CS47L63 Datasheet HTML 22Page - Cirrus Logic CS47L63 Datasheet HTML 23Page - Cirrus Logic CS47L63 Datasheet HTML 24Page - Cirrus Logic CS47L63 Datasheet HTML 25Page - Cirrus Logic CS47L63 Datasheet HTML 26Page - Cirrus Logic CS47L63 Datasheet HTML 27Page - Cirrus Logic CS47L63 Datasheet HTML 28Page - Cirrus Logic CS47L63 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 300 page
background image
DS1085F3
25
CS47L35
3 Characteristics and Specifications
Table 3-23. Typical Power Consumption
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = Off
(CP2 and LDO2 disabled); SPKVDD = 4.2 V; TA = +25ºC; Fs = 48 kHz; 24-bit audio data, I2S Slave Mode; SYSCLK = 24.576 MHz (direct MCLK1 input).
Operating Configuration
Typical
I1.2V (mA)
Typical
I1.8V (mA)
Typical
I4.2V (mA)
PTOT
(mW)
Headphone playback AIF1 to DAC to HPOUT (stereo),
32-
 load.
Quiescent
1-kHz sine wave, PO =10mW
1.00
1.06
0.75
36.5
0.00
0.00
2.54
67.0
Earpiece playback
AIF1 to DAC to EPOUT,
32-
 load (BTL).
Quiescent
1-kHz sine wave, PO =30mW
0.86
0.86
0.75
61.8
0.00
0.00
2.38
112
Speaker playback
AIF1 to DAC to SPKOUT,
8-
, 22-H load.
Quiescent
1-kHz sine wave, PO = 700 mW
0.76
0.79
1.03
1.10
0.10
180
3.19
759
Stereo line record
Analog line to ADC to AIF1,
MICVDD = 1.8V (CP2 and LDO2
bypass enabled).
1-kHz sine wave, -1 dBFS output
1.23
2.52
0.00
6.01
Sleep Mode
Accessory detect enabled (JD1_ENA = 1)
0.000
0.013
0.000
0.023
Table 3-24. Typical Signal Latency
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = Off
(CP2 and LDO2 disabled); SPKVDD = 4.2 V; TA = +25ºC; Fs = 48 kHz; 24-bit audio data, I2S Slave Mode; SYSCLK = 24.576 MHz (direct MCLK1 input).
Operating Configuration
Latency (
s)
AIF to DAC path
Digital input (AIFn) to analog output (HPOUT).
Signal is routed via the ISRC function in the
isochronous cases only.
48 kHz input, 48 kHz output, Synchronous
44.1 kHz input, 44.1 kHz output, Synchronous
16 kHz input, 16 kHz output, Synchronous
8 kHz input, 8 kHz output, Synchronous
8 kHz input, 48 kHz output, Isochronous
16 kHz input, 48 kHz output, Isochronous
344
371
665
1105
1660
1170
ADC to AIF path
Analog input (INn) to digital output (AIFn). Digital
core high-pass filter is included in the signal path.
Signal is routed via the ISRC function in the
isochronous cases only.
48 kHz input, 48 kHz output, Synchronous
44.1 kHz input, 44.1 kHz output, Synchronous
16 kHz input, 16 kHz output, Synchronous
8 kHz input, 8 kHz output, Synchronous
8 kHz input, 48 kHz output, Isochronous
16 kHz input, 48 kHz output, Isochronous
210
225
620
1210
1765
965



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com