Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 81Page - Cirrus Logic CS47L63 Datasheet HTML 82Page - Cirrus Logic CS47L63 Datasheet HTML 83Page - Cirrus Logic CS47L63 Datasheet HTML 84Page - Cirrus Logic CS47L63 Datasheet HTML 85Page - Cirrus Logic CS47L63 Datasheet HTML 86Page - Cirrus Logic CS47L63 Datasheet HTML 87Page - Cirrus Logic CS47L63 Datasheet HTML 88Page - Cirrus Logic CS47L63 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 300 page
background image
DS1085F3
85
CS47L35
4.4 DSP Firmware Control
Table 4-26. DMA Control
Register Address
Bit
Label
Default
Description
DSP1 Base Address = R1048064 (0x0F_FE00)
DSP2 Base Address = R1572352 (0x17_FE00)
DSP3 Base Address = R2096640 (0x1F_FE00)
Base address +0x04
DSPn_Status_1
31
DSPn_PING_FULL
0
DSPn WDMA Ping Buffer Status
0 = Not Full
1 = Full
30
DSPn_PONG_FULL
0
DSPn WDMA Pong Buffer Status
0 = Not Full
1 = Full
23:16 DSPn_WDMA_ACTIVE_
CHANNELS[7:0]
0x00
DSPn WDMA Channel Status
There are eight WDMA channels; each bit of this field indicates
the status of the respective WDMA channel.
Each bit is coded as follows:
0 = Inactive
1 = Active
Base address +0x10
DSPn_WDMA_Buffer_1
31:16 DSPn_START_ADDRESS_
WDMA_BUFFER_1[15:0]
0x0000
DSPn WDMA Channel 1 Start Address
Bit [15] = Memory select
0 = X-data memory
1 = Y-data memory
Bits [14:0] = Address select
The address is defined relative to the base address of the
applicable data memory. The LSB represents one 24-bit DSP
memory word.
Note that the start address is also controlled by the respective
DSPn_WDMA_CHANNEL_OFFSET bit.
15:0 DSPn_START_ADDRESS_
WDMA_BUFFER_0[15:0]
0x0000
DSPn WDMA Channel 0 Start Address
Field description is as above.
Base address +0x12
DSPn_WDMA_Buffer_2
31:16 DSPn_START_ADDRESS_
WDMA_BUFFER_3[15:0]
0x0000
DSPn WDMA Channel 3 Start Address
Field description is as above.
15:0 DSPn_START_ADDRESS_
WDMA_BUFFER_2[15:0]
0x0000
DSPn WDMA Channel 2 Start Address
Field description is as above.
Base address +0x14
DSPn_WDMA_Buffer_3
31:16 DSPn_START_ADDRESS_
WDMA_BUFFER_5[15:0]
0x0000
DSPn WDMA Channel 5 Start Address
Field description is as above.
15:0 DSPn_START_ADDRESS_
WDMA_BUFFER_4[15:0]
0x0000
DSPn WDMA Channel 4 Start Address
Field description is as above.
Base address +0x16
DSPn_WDMA_Buffer_4
31:16 DSPn_START_ADDRESS_
WDMA_BUFFER_7[15:0]
0x0000
DSPn WDMA Channel 7 Start Address
Field description is as above.
15:0 DSPn_START_ADDRESS_
WDMA_BUFFER_6[15:0]
0x0000
DSPn WDMA Channel 6 Start Address
Field description is as above.
Base address +0x20
DSPn_RDMA_Buffer_1
31:16 DSPn_START_ADDRESS_
RDMA_BUFFER_1[15:0]
0x0000
DSPn RDMA Channel 1 Start Address
Bit [15] = Memory select
0 = X-data memory
1 = Y-data memory
Bits [14:0] = Address select
The address is defined relative to the base address of the
applicable data memory. The LSB represents one 24-bit DSP
memory word.
Note that the start address is also controlled by the respective
DSPn_RDMA_CHANNEL_OFFSET bit.
15:0 DSPn_START_ADDRESS_
RDMA_BUFFER_0[15:0]
0x0000
DSPn RDMA Channel 0 Start Address
Field description is as above.
Base address +0x22
DSPn_RDMA_Buffer_2
31:16 DSPn_START_ADDRESS_
RDMA_BUFFER_3[15:0]
0x0000
DSPn RDMA Channel 3 Start Address
Field description is as above.
15:0 DSPn_START_ADDRESS_
RDMA_BUFFER_2[15:0]
0x0000
DSPn RDMA Channel 2 Start Address
Field description is as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com