Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 5 Page - Cirrus Logic

  CS47L63 Datasheet HTML 1Page - Cirrus Logic CS47L63 Datasheet HTML 2Page - Cirrus Logic CS47L63 Datasheet HTML 3Page - Cirrus Logic CS47L63 Datasheet HTML 4Page - Cirrus Logic CS47L63 Datasheet HTML 5Page - Cirrus Logic CS47L63 Datasheet HTML 6Page - Cirrus Logic CS47L63 Datasheet HTML 7Page - Cirrus Logic CS47L63 Datasheet HTML 8Page - Cirrus Logic CS47L63 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 300 page
background image
5
DS1085F3
CS47L35
1.2 Pin Descriptions
1.2 Pin Descriptions
Table 1-1 describes each pin on the CS47L35. Note that pins that share a common name should be tied together on the
printed circuit board (PCB). All digital output pins are CMOS outputs, unless otherwise stated.
Table 1-1. Pin Descriptions
Name
Ball #
Power
Supply
I/O
Description
Analog I/O
CP1C1A
E5
—
O
Charge Pump 1 fly-back capacitor 1 pin
CP1C1B
D6
—
O
Charge Pump 1 fly-back capacitor 1 pin
CP1C2A
C5
—
O
Charge Pump 1 fly-back capacitor 2 pin
CP1C2B
B8
—
O
Charge Pump 1 fly-back capacitor 2 pin
CP1VOUT1N
E7
—
O
Charge Pump 1 negative output 1 decoupling pin
CP1VOUT1P
F8
—
O
Charge Pump 1 positive output 1 decoupling pin
CP1VOUT2N
A7
—
O
Charge Pump 1 negative output 2 decoupling pin
CP1VOUT2P
D8
—
O
Charge Pump 1 positive output 2 decoupling pin
CP2CA
G7
—
O
Charge Pump 2 fly-back capacitor pin
CP2CB
G5
—
O
Charge Pump 2 fly-back capacitor pin
CP2VOUT
F4
—
O
Charge Pump 2 output decoupling pin/supply for LDO2
EPOUTN
C9
—
O
Earpiece negative output
EPOUTP
A9
—
O
Earpiece positive output
GPSWN
G9
—
I/O
General-purpose bidirectional switch contact
GPSWP
F10
—
I/O
General-purpose bidirectional switch contact
HPDETL
C11
—
I
Headphone left (HPOUTL) sense input
HPDETR
B12
—
I
Headphone right (HPOUTR) sense input
HPOUTFB1/MICDET2
D12
—
I
HPOUTL and HPOUTR ground feedback pin 1/mic and accessory
sense input 2
HPOUTL
A11
—
O
Left headphone output
HPOUTR
B10
—
O
Right headphone output
IN1ALN/DMICCLK1
E3
MICVDD or
MICBIASnx
I/O
Left-channel negative differential mic/line input /DMIC Clock Output 1
IN1ALP
G3
MICVDD
I
Left-channel single-ended mic/line input/left-channel positive
differential mic/line input
IN1ARN/DMICDAT1
C1
MICVDD or
MICBIASnx
I
Right-channel negative differential mic/line input/DMIC Data Input 1
IN1ARP
D2
MICVDD
I
Right-channel single-ended mic/line input/right-channel positive
differential mic/line input
IN1BLN
J3
MICVDD
I
Left-channel negative differential mic/line input. Also suitable for
connection to external accessory interfaces.
IN1BLP
L3
MICVDD
I
Left-channel single-ended mic/line input/left-channel positive
differential mic/line input. Also suitable for connection to external
accessory interfaces.
IN1BRN
H2
MICVDD
I
Right-channel negative differential mic/line input. Also suitable for
connection to external accessory interfaces.
IN1BRP
G1
MICVDD
I
Right-channel single-ended mic/line input/right-channel positive
differential mic/line input. Also suitable for connection to external
accessory interfaces.
IN2LN/DMICCLK2
H4
MICVDD or
MICBIASnx
I/O
Left-channel negative differential mic/line input/DMIC Clock Output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com