Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 24Page - Cirrus Logic CS47L63 Datasheet HTML 25Page - Cirrus Logic CS47L63 Datasheet HTML 26Page - Cirrus Logic CS47L63 Datasheet HTML 27Page - Cirrus Logic CS47L63 Datasheet HTML 28Page - Cirrus Logic CS47L63 Datasheet HTML 29Page - Cirrus Logic CS47L63 Datasheet HTML 30Page - Cirrus Logic CS47L63 Datasheet HTML 31Page - Cirrus Logic CS47L63 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 300 page
background image
28
DS1085F3
CS47L35
4.1 Overview
The CS47L35 is ideal for mobile telephony, providing enhanced voice communication quality for both near-end and far-end
users in a wide variety of applications. The SoundClear Control voice command recognition software is supported, for
low-power always-on features. Speaker Protection software is available, using analog input paths to support current
monitoring in the speaker output; this allows the Class D output to be continually optimized for the operational limits of the
speaker, and enables maximum audio output while ensuring the loudspeakers are fully protected from damage.
The digital core also provides signal-processing capability for sensor-hub functions of the CS47L35. Sensors and
accessories can be connected through the master I2C interface; the programmable DSP, together with peripheral timer
and event logging functions, enables applications to use these inputs to support increased contextual awareness,
including advanced motion sensing and navigation functionality.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The CS47L35 performs multichannel
full-duplex isochronous sample-rate conversion, providing use-case flexibility across a broad range of system
architectures. Automatic sample-rate detection is provided, enabling seamless wideband/narrowband voice call handover.
DRC functions are available for optimizing audio signal levels. In playback modes, the DRC can be used to maximize
loudness, while limiting the signal level to avoid distortion, clipping, or battery droop, for high-power output drivers such as
speaker amplifiers. In record modes, the DRC assists in applications where the signal level is unpredictable.
The five-band parametric EQ functions can be used to compensate for the frequency characteristics of the output
transducers. EQ functions can be cascaded to provide additional frequency control. Programmable high-pass and
low-pass filters are also available for general filtering applications, such as removal of wind and other low-frequency noise.
4.1.3
Digital Interfaces
Three serial digital audio interfaces (AIFs) each support PCM, TDM, and I2S data formats for compatibility with most
industry-standard chipsets. AIF1 supports six input/output channels; AIF2 and AIF3 support two input/output channels
each. Bidirectional operation at sample rates up to 192 kHz is supported.
Four digital PDM input channels are available (two stereo interfaces); these are typically used for digital microphones,
powered from the integrated MICBIAS power-supply regulators. Two PDM output channels are also available (one stereo
interface); these are typically used for external power amplifiers. Embedded mute codes provide a control mechanism for
external PDM-input devices.
The CS47L35 features a SLIMbus interface, compliant with the MIPI® SLIMbus specification, providing six channels of
audio input/output. Mixed audio sample rates are supported on the SLIMbus interface. The SLIMbus interface also
supports read/write access to the CS47L35 control registers.
An IEC-60958-3–compatible S/PDIF transmitter is incorporated, enabling stereo S/PDIF output on a GPIO pin. Standard
S/PDIF sample rates of 32–192 kHz are supported.
Control register access and high bandwidth data transfer are supported by a slave SPI interface and a slave I2C control
interface. The SPI interface operates up to 26 MHz; the I2C slave interface operates up to 3.4 MHz. Full access to the
register map is also provided via the SLIMbus port.
The CS47L35 incorporates one master I2C interface, offering capability for additional sensor/accessory input. Typical
sensors include accelerometers, gyroscopes and magnetometers for motion sensing and navigation applications. Other
example accessories include barometers, or ambient light sensors, for environmental awareness.
4.1.4
Other Features
The CS47L35 incorporates two 1-kHz tone generators that can be used for beep functions through any of the audio signal
paths. The phase relationship between the two generators is configurable, providing flexibility in creating differential
signals, or for test scenarios.
A white-noise generator is provided that can be routed within the digital core. The noise generator can provide comfort
noise in cases where silence (digital mute) is not desirable.
Two pulse-width modulation (PWM) signal generators are incorporated. The duty cycle of each PWM signal can be
modulated by an audio source or can be set to a fixed value using a control register setting. The PWM signal generators
can be output directly on a GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com