Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 14Page - Cirrus Logic CS47L63 Datasheet HTML 15Page - Cirrus Logic CS47L63 Datasheet HTML 16Page - Cirrus Logic CS47L63 Datasheet HTML 17Page - Cirrus Logic CS47L63 Datasheet HTML 18Page - Cirrus Logic CS47L63 Datasheet HTML 19Page - Cirrus Logic CS47L63 Datasheet HTML 20Page - Cirrus Logic CS47L63 Datasheet HTML 21Page - Cirrus Logic CS47L63 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 300 page
background image
18
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-14. Digital Microphone (DMIC) Interface Timing
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.DMIC interface timing
Symbol
Minimum
Typical
Maximum
Units
DMICCLKn cycle time
tCY
160
163
1432
ns
DMICCLKn duty cycle
—
45
—
55
%
DMICCLKn rise/fall time (25-pF load, 1.8-V supply)
tr, tf
5—
30
ns
DMICDATn (Left) setup time to falling DMICCLK edge
tLSU
15
—
—
ns
DMICDATn (Left) hold time from falling DMICCLK edge
tLH
0—
—
ns
DMICDATn (Right) setup time to rising DMICCLK edge
tRSU
15
—
—
ns
DMICDATn (Right) hold time from rising DMICCLK edge
tRH
0—
—
ns
Note: The voltage reference for the IN1 and IN2 DMIC interfaces is selectable, using the INn_DMIC_SUP fields—each interface may be
referenced to MICVDD, MICBIAS1B, MICBIAS2A, or MICBIAS2B levels.
Table 3-15. Digital Speaker (PDM) Interface Timing
The following timing information is valid across the full range of recommended operating conditions.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Mode A 1
1.Digital speaker (PDM) interface timing—Mode A
SPKCLK cycle time
tCY
160
163
358
ns
SPKCLK duty cycle
—
45
—
55
%
SPKCLK rise/fall time (25-pF load)
tr, tf
2—
8
ns
SPKDAT set-up time to SPKCLK rising edge (left channel)
tLSU
30
—
—
ns
SPKDAT hold time from SPKCLK rising edge (left channel)
tLH
30
—
—
ns
SPKDAT set-up time to SPKCLK falling edge (right channel)
tRSU
30
—
—
ns
SPKDAT hold time from SPKCLK falling edge (right channel)
tRH
30
—
—
ns
Mode B 2
SPKCLK cycle time
tCY
160
163
358
ns
SPKCLK duty cycle
—
45
—
55
%
SPKCLK rise/fall time (25-pF load)
tr, tf
2—
8
ns
SPKDAT enable from SPKCLK rising edge (right channel)
tREN
—
—
15
ns
SPKDAT disable to SPKCLK falling edge (right channel)
tRDIS
——
5
ns
SPKDAT enable from SPKCLK falling edge (left channel)
tLEN
—
—
15
ns
SPKDAT disable to SPKCLK rising edge (left channel)
tLDIS
——
5
ns
(left data)
(right data)
DMICDAT
(input)
VIL
VIH
tRH
tRSU
tLH
tLSU
VOL
DMICCLK
(output)
tCY
VOH
tr
tf
SPKCLK
(output)
SPKDAT
(output)
tCY
tLH
tRH
tLSU
tRSU
(left data)
(right data)
VOH
VOL
V OL
tr
tf
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com