Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 72Page - Cirrus Logic CS47L63 Datasheet HTML 73Page - Cirrus Logic CS47L63 Datasheet HTML 74Page - Cirrus Logic CS47L63 Datasheet HTML 75Page - Cirrus Logic CS47L63 Datasheet HTML 76Page - Cirrus Logic CS47L63 Datasheet HTML 77Page - Cirrus Logic CS47L63 Datasheet HTML 78Page - Cirrus Logic CS47L63 Datasheet HTML 79Page - Cirrus Logic CS47L63 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 300 page
background image
76
DS1085F3
CS47L35
4.3 Digital Core
The register bits associated with the ISRCs are described in Table 4-22.
Table 4-22. Digital-Core ISRC Control
Register Address
Bit
Label
Default
Description
R3824 (0x0EF0)
ISRC1_CTRL_1
14:11 ISRC1_FSH[3:0]
0000
ISRC1 High Sample Rate (Sets the higher of the ISRC1 sample rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8 kHz to 192 kHz.
All ISRC1_DECn_SRC fields must be cleared before changing ISRC1_FSH.
R3825 (0x0EF1)
ISRC1_CTRL_2
14:11 ISRC1_FSL[3:0]
0000
ISRC1 Low Sample Rate (Sets the lower of the ISRC1 sample rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8 kHz to 192 kHz.
All ISRC1_INTn_SRC fields must be cleared before changing ISRC1_FSL.
R3826 (0x0EF2)
ISRC1_CTRL_3
15
ISRC1_INT1_ENA
0
ISRC1 INT1 Enable (Interpolation Channel 1 path from ISRC1_FSL rate to
ISRC1_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC1_INT2_ENA
0
ISRC1 INT2 Enable (Interpolation Channel 2 path from ISRC1_FSL rate to
ISRC1_FSH rate)
0 = Disabled
1 = Enabled
13
ISRC1_INT3_ENA
0
ISRC1 INT3 Enable (Interpolation Channel 3 path from ISRC1_FSL rate to
ISRC1_FSH rate)
0 = Disabled
1 = Enabled
12
ISRC1_INT4_ENA
0
ISRC1 INT4 Enable (Interpolation Channel 4 path from ISRC1_FSL rate to
ISRC1_FSH rate)
0 = Disabled
1 = Enabled
9
ISRC1_DEC1_
ENA
0
ISRC1 DEC1 Enable (Decimation Channel 1 path from ISRC1_FSH rate to
ISRC1_FSL rate)
0 = Disabled
1 = Enabled
8
ISRC1_DEC2_
ENA
0
ISRC1 DEC2 Enable (Decimation Channel 2 path from ISRC1_FSH rate to
ISRC1_FSL rate)
0 = Disabled
1 = Enabled
7
ISRC1_DEC3_
ENA
0
ISRC1 DEC3 Enable (Decimation Channel 3 path from ISRC1_FSH rate to
ISRC1_FSL rate)
0 = Disabled
1 = Enabled
6
ISRC1_DEC4_
ENA
0
ISRC1 DEC4 Enable (Decimation Channel 4 path from ISRC1_FSH rate to
ISRC1_FSL rate)
0 = Disabled
1 = Enabled
R3827 (0x0EF3)
ISRC2_CTRL_1
14:11 ISRC2_FSH[3:0]
0000
ISRC2 High Sample Rate (Sets the higher of the ISRC2 sample rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8 kHz to 192 kHz.
All ISRC2_DECn_SRC fields must be cleared before changing ISRC2_FSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com