Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 30Page - Cirrus Logic CS47L63 Datasheet HTML 31Page - Cirrus Logic CS47L63 Datasheet HTML 32Page - Cirrus Logic CS47L63 Datasheet HTML 33Page - Cirrus Logic CS47L63 Datasheet HTML 34Page - Cirrus Logic CS47L63 Datasheet HTML 35Page - Cirrus Logic CS47L63 Datasheet HTML 36Page - Cirrus Logic CS47L63 Datasheet HTML 37Page - Cirrus Logic CS47L63 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 300 page
background image
34
DS1085F3
CS47L35
4.2 Input Signal Path
The input signal paths are muted by default. It is recommended that deselecting the mute should be the final step of the
path enable control sequence. Similarly, the mute should be selected as the first step of the path-disable control sequence.
The input signal path mute functions are controlled using the bits described in Table 4-4.
The MICVDD power domain must be enabled when using the analog input signal paths. This power domain is provided
using an internal charge pump (CP2) and LDO regulator (LDO2). See Section 4.19 for details of these circuits.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The input signal paths
should be kept disabled (INnx_ENA = 0) if SYSCLK is not enabled. The 32-kHz clock may also be required, depending on
the path configuration. See Section 4.16 for details of the system clocks (including requirements for reconfiguring SYSCLK
while audio paths are enabled).
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the input signal
paths and associated ADCs. If the frequency is too low, an attempt to enable an input signal path fails. Note that active
signal paths are not affected under such circumstances.
The status bits in Register R769 indicate the status of each of the input signal paths. If an underclocked error condition
occurs, these bits indicate which input signal paths have been enabled.
4.2.5
Input Signal Path Sample-Rate Control
The input signal paths may be selected as input to the digital mixers or signal-processing functions within the CS47L35
digital core. The sample rate for the input signal paths is configured using IN_RATE; see Table 4-21.
Note that sample-rate conversion is required when routing the input signal paths to any signal chain that is configured for
a different sample rate.
4.2.6
Input Signal Path Configuration
The CS47L35 supports up to six analog inputs or up to four digital inputs. Selectable combinations of analog (mic or line)
and digital inputs are multiplexed into two stereo input signal paths.
Table 4-2. Input Signal Path Enable
Register Address
Bit
Label
Default
Description
R768 (0x0300)
Input_Enables
3
IN2L_ENA
0
Input Path 2 (left) enable
0 = Disabled
1 = Enabled
2
IN2R_ENA
0
Input Path 2 (right) enable
0 = Disabled
1 = Enabled
1
IN1L_ENA
0
Input Path 1 (left) enable
0 = Disabled
1 = Enabled
0
IN1R_ENA
0
Input Path 1 (right) enable
0 = Disabled
1 = Enabled
R769 (0x0301)
Input_Enables_Status
3
IN2L_ENA_STS
0
Input Path 2 (left) enable status
0 = Disabled
1 = Enabled
2
IN2R_ENA_STS
0
Input Path 2 (right) enable status
0 = Disabled
1 = Enabled
1
IN1L_ENA_STS
0
Input Path 1 (left) enable status
0 = Disabled
1 = Enabled
0
IN1R_ENA_STS
0
Input Path 1 (right) enable status
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com