Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 87Page - Cirrus Logic CS47L63 Datasheet HTML 88Page - Cirrus Logic CS47L63 Datasheet HTML 89Page - Cirrus Logic CS47L63 Datasheet HTML 90Page - Cirrus Logic CS47L63 Datasheet HTML 91Page - Cirrus Logic CS47L63 Datasheet HTML 92Page - Cirrus Logic CS47L63 Datasheet HTML 93Page - Cirrus Logic CS47L63 Datasheet HTML 94Page - Cirrus Logic CS47L63 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 300 page
background image
DS1085F3
91
CS47L35
4.5 DSP Peripheral Control
R262148 (0x40004)
MIF1_I2C_CONFIG_3
3
MIF1_NACK_
RESPONSE
0
Selects the action taken if NACK is received from Slave.
0 = Stop Condition sent.
1 = Stop Condition not sent; next transaction commences with a
Repeated Start.
Note that, if the Stop Condition is not sent, the master retains control of
the bus until a subsequent action is scheduled. The next transaction
commences with a Repeated Start in this case.
2
MIF1_SCL_MON_ENA
1
Enables bus monitoring functions on SCLK
0 = Disabled
1 = Enabled
This feature enables support for clock stretching by slave devices, and
enables bus synchronization as part of multimaster operation.
1
MIF1_RPT_START
0
Selects the action taken on completion of a bus transaction.
0 = Stop Condition sent.
1 = Stop Condition not sent; next transaction commences with a
Repeated Start.
Note that, if the Stop Condition is not sent, the master retains control of
the bus until a subsequent action is scheduled. The next transaction
commences with a Repeated Start in this case.
0
MIF1_START_BYTE_
ENA
0
Selects whether a Start Byte is transmitted before an I2C transaction.
0 = Disabled
1 = Enabled
The Start Byte is a dummy transaction that provides support for bus
devices that use low-frequency polling to detect I2C activity. The Start
Byte, when enabled, is transmitted before the Slave Address bytes. It is
not acknowledged on the bus by any device.
R262152 (0x40008)
MIF1_I2C_CONFIG_5
0
MIF1_WDT_ENA
0
Watchdog Timer (WDT) control
0 = Disabled
1 = Enabled
When bus monitoring functions are enabled (MIF1_SCL_MON_
ENA = 1), the watchdog timer is used to detect the SCLK line being
pulled low for a prolonged duration.
R262272 (0x40080)
MIF1_I2C_STATUS_1
2
MIF1_WDT_TIMEOUT_
STS
0
Watchdog Timer (WDT) Error Status. This bit, when set, indicates that
the WDT expired during the I2C transaction.
This bit is latched when set; it is only cleared on next I2C transaction.
1
MIF1_ARBIT_LOST_
STS
0
Arbitration Error Status. This bit, when set, indicates that arbitration was
lost during the I2C transaction.
This bit is latched when set; it is only cleared on next I2C transaction.
0
MIF1_NACK_STS
0
NACK Error Status. This bit, when set, indicates that a NACK Error
signal was received during the I2C transaction.
This bit is latched when set; it is only cleared on next I2C transaction.
R262400 (0x40100)
MIF1_CONFIG_1
0
MIF1_START
0
Starts the I2C transaction
Write 1 to start.
R262404 (0x40104)
MIF1_CONFIG_3
17:16 MIF1_WORD_SIZE[1:0]
00
Selects the data word format. I2C transactions are made up of 1-Byte
data words; the sequence order of these words differs according to the
applicable word format.
Correct setting of the MIF1_WORD_SIZE field ensures that each data
word is transmitted/received as MSB first.
00 = 8-bit (1, 2, 3, 4, 5, 6, 7, 8, etc)
01 = 16-bit (2, 1, 4, 3, 6, 5, 8, 7, etc)
10 = 32-bit (4, 3, 2, 1, 8, 7, 6, 5, etc)
The bracketed numbers describe the order in which applicable MIF1_
[TX|RX]_BYTEx fields are transmitted/received over the I2C interface.
0
MIF1_READ_WRITE_
SEL
0
Selects the I2C Command type
0 = Master Write
1 = Master Read
Table 4-30. Master Interface (MIF1) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com