Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L63 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS47L63
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 78Page - Cirrus Logic CS47L63 Datasheet HTML 79Page - Cirrus Logic CS47L63 Datasheet HTML 80Page - Cirrus Logic CS47L63 Datasheet HTML 81Page - Cirrus Logic CS47L63 Datasheet HTML 82Page - Cirrus Logic CS47L63 Datasheet HTML 83Page - Cirrus Logic CS47L63 Datasheet HTML 84Page - Cirrus Logic CS47L63 Datasheet HTML 85Page - Cirrus Logic CS47L63 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 300 page
background image
82
DS1085F3
CS47L35
4.4 DSP Firmware Control
Note that the DSPn_CLK_SEL fields select a range of frequencies for each valid decode value. The clock frequency for
each DSP is derived as DSPCLK divided by 1, 2, 4, 8, or 16. The required division ratios, within the selected DSP clock
frequency ranges, are configured automatically for each DSP core.
The DSPn_CLK_SEL_STS fields indicate the clock frequency range for the respective DSP cores. These can be used to
confirm the clock frequency, in cases where code execution has a minimum clock frequency requirement. The DSPn_
CLK_SEL_STS field is only valid when the respective core is running code; typical usage of this field would be for the DSP
core itself to read the clock status and to take action as applicable, in particular, if the available clock does not meet the
application requirements.
Note that the DSPn_CLK_SEL_STS fields indicate a range of frequencies for each decode value. The exact clock
frequency for each DSP cannot be provided directly by the CS47L35, but can be derived using knowledge of the DSPCLK
frequency, if available.
4.4.2.3 DSP Code Execution
After the DSP firmware has been loaded, and the clocks configured, the DSP blocks are enabled by setting the DSPn_
CORE_ENA bits. When the DSP is configured and enabled, the firmware execution can be started by writing 1 to the
respective DSPn_START bit.
Alternative methods to trigger the firmware execution can also be configured using the DSPn_START_IN_SEL fields. Note
that this provides the capability to synchronously trigger multiple DSP blocks.
Using the DSPn_START_IN_SEL fields, the DSP firmware execution can be linked to the respective DMA function, the
IRQ2 status, DSPn start signals from another DSP, or to the FIFO status in one of the event loggers:
• DMA function: firmware execution commences when all enabled DSP input (WDMA) channel buffers have been
filled, and all enabled DSP output (RDMA) channel buffers have been emptied
•DSPn start signals: firmware execution commences when the respective start signal is triggered in the selected
DSP core
• IRQ2: firmware execution commences when one or more of the unmasked IRQ2 events has occurred
• Event logger status: firmware execution commences when the FIFO not-empty status is asserted within the
respective event logger
To enable firmware execution on the respective DSP block, the DSPn_CORE_ENA bit must be set. Note that the usage
of the DSPn_START bit may vary depending on the particular firmware that is being executed: in some applications (e.g.,
when an alternative trigger is selected using DSPn_START_IN_SEL), writing to the DSPn_START bit is not required.
The DSPCLK system clock must be configured and enabled before any DSP processing core is enabled. The DSP blocks
should be kept disabled (DSPn_CORE_ENA = 0) if DSPCLK is not enabled. See Section 4.16 for details of the system
clocks (including requirements for reconfiguring DSPCLK while DSP cores are enabled).
4.4.2.4 DSP Control Registers
The DSP memory, clocking, and code-execution control registers are described in Table 4-25.
The audio signal paths connecting to/from the DSP processing blocks are configured as described in Section 4.3. Note
that the DSP firmware must be loaded and enabled before audio signal paths can be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com